| Electronic Components Datasheet Search |
|
HD64F36024 Datasheet(PDF) 255 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD64F36024 Datasheet(HTML) 255 Page - Renesas Technology Corp |
|
255 / 384 page ![]() Section 15 Power-On Reset and Low-Voltage Detection Circuits (Optional) LVI0000A_000020030300 Rev. 4.00 Sep. 23, 2005 Page 229 of 354 REJ09B0025-0400 Section 15 Power-On Reset and Low-Voltage Detection Circuits (Optional) This LSI can include a power-on reset circuit and low-voltage detection circuit as optional circuits. The low-voltage detection circuit consists of two circuits: LVDI (interrupt by low voltage detect) and LVDR (reset by low voltage detect) circuits. This circuit is used to prevent abnormal operation (runaway execution) from occurring due to the power supply voltage fall and to recreate the state before the power supply voltage fall when the power supply voltage rises again. Even if the power supply voltage falls, the unstable state when the power supply voltage falls below the guaranteed operating voltage can be removed by entering standby mode when exceeding the guaranteed operating voltage and during normal operation. Thus, system stability can be improved. If the power supply voltage falls more, the reset state is automatically entered. If the power supply voltage rises again, the reset state is held for a specified period, then active mode is automatically entered. Figure 15.1 is a block diagram of the power-on reset circuit and the low-voltage detection circuit. 15.1 Features • Power-on reset circuit Uses an external capacitor to generate an internal reset signal when power is first supplied. • Low-voltage detection circuit LVDR: Monitors the power-supply voltage, and generates an internal reset signal when the voltage falls below a specified value. LVDI: Monitors the power-supply voltage, and generates an interrupt when the voltage falls below or rises above respective specified values. Two pairs of detection levels for reset generation voltage are available: when only the LVDR circuit is used, or when the LVDI and LVDR circuits are both used. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |