Electronic Components Datasheet Search
  English  ▼

X  

HD64F36024 Datasheet(PDF) 259 Page - Renesas Technology Corp

Part # HD64F36024
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  384 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36024 Datasheet(HTML) 259 Page - Renesas Technology Corp

Back Button HD64F36024 Datasheet HTML 255Page - Renesas Technology Corp HD64F36024 Datasheet HTML 256Page - Renesas Technology Corp HD64F36024 Datasheet HTML 257Page - Renesas Technology Corp HD64F36024 Datasheet HTML 258Page - Renesas Technology Corp HD64F36024 Datasheet HTML 259Page - Renesas Technology Corp HD64F36024 Datasheet HTML 260Page - Renesas Technology Corp HD64F36024 Datasheet HTML 261Page - Renesas Technology Corp HD64F36024 Datasheet HTML 262Page - Renesas Technology Corp HD64F36024 Datasheet HTML 263Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 259 / 384 page
background image
Section 15 Power-On Reset and Low-Voltage Detection Circuits (Optional)
Rev. 4.00 Sep. 23, 2005 Page 233 of 354
REJ09B0025-0400
15.3
Operation
15.3.1
Power-On Reset Circuit
Figure 15.2 shows the timing of the operation of the power-on reset circuit. As the power-supply
voltage rises, the capacitor which is externally connected to the
RES pin is gradually charged via
the on-chip pull-up resistor (typ. 150 k
Ω). Since the state of the RES pin is transmitted within the
chip, the prescaler S and the entire chip are in their reset states. When the level on the
RES pin
reaches the specified value, the prescaler S is released from its reset state and it starts counting.
The OVF signal is generated to release the internal reset signal after the prescaler S has counted
131,072 clock (
φ) cycles. The noise cancellation circuit of approximately 100 ns is incorporated to
prevent the incorrect operation of the chip by noise on the
RES pin.
To achieve stable operation of this LSI, the power supply needs to rise to its full level and settles
within the specified time. The maximum time required for the power supply to rise and settle after
power has been supplied (t
PWON) is determined by the oscillation frequency (fOSC) and capacitance
which is connected to
RES pin (CRES). If t
PWON means the time required to reach 90 % of power
supply voltage, the power supply circuit should be designed to satisfy the following formula.
t
PWON (ms) ≤ 90 × CRES (µF) + 162/fOSC (MHz)
(t
PWON ≤ 3000 ms, CRES ≥ 0.22 µF, and fOSC = 10 in 2-MHz to 10-MHz operation)
Note that the power supply voltage (Vcc) must fall below Vpor = 100 mV and rise after charge on
the
RES pin is removed. To remove charge on the RES pin, it is recommended that the diode
should be placed near Vcc. If the power supply voltage (Vcc) rises from the point above Vpor, a
power-on reset may not occur.
RES
Vcc
PSS-reset
signal
Internal reset
signal
Vss
Vss
OVF
131,072 cycles
PSS counter starts
Reset released
t
PWON
Vpor
Figure 15.2 Operational Timing of Power-On Reset Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com