Electronic Components Datasheet Search
  English  ▼

X  

HD64F36024 Datasheet(PDF) 261 Page - Renesas Technology Corp

Part # HD64F36024
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  384 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36024 Datasheet(HTML) 261 Page - Renesas Technology Corp

Back Button HD64F36024 Datasheet HTML 257Page - Renesas Technology Corp HD64F36024 Datasheet HTML 258Page - Renesas Technology Corp HD64F36024 Datasheet HTML 259Page - Renesas Technology Corp HD64F36024 Datasheet HTML 260Page - Renesas Technology Corp HD64F36024 Datasheet HTML 261Page - Renesas Technology Corp HD64F36024 Datasheet HTML 262Page - Renesas Technology Corp HD64F36024 Datasheet HTML 263Page - Renesas Technology Corp HD64F36024 Datasheet HTML 264Page - Renesas Technology Corp HD64F36024 Datasheet HTML 265Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 261 / 384 page
background image
Section 15 Power-On Reset and Low-Voltage Detection Circuits (Optional)
Rev. 4.00 Sep. 23, 2005 Page 235 of 354
REJ09B0025-0400
(2)
LVDI (Interrupt by Low Voltage Detect) Circuit
Figure 15.4 shows the timing of LVDI functions. The LVDI enters the module-standby state after
a power-on reset is canceled. To operate the LVDI, set the LVDE bit in LVDCR to 1, wait for 50
µs (t
LVDON) until the reference voltage and the low-voltage-detection power supply have stabilized
by a software timer, etc., then set the LVDDE and LVDUE bits in LVDCR to 1. After that, the
output settings of ports must be made. To cancel the low-voltage detection circuit, first the
LVDDE and LVDUE bits should all be cleared to 0 and then the LVDE bit should be cleared to 0.
The LVDE bit must not be cleared to 0 at the same timing as the LVDDE and LVDUE bits
because incorrect operation may occur.
When the power-supply voltage falls below Vint (D) (typ. = 3.7 V) voltage, the LVDI clears the
LVDINT signal to 0 and the LVDDF bit in LVDSR is set to 1. If the LVDDE bit is 1 at this time,
an IRQ0 interrupt request is simultaneously generated. In this case, the necessary data must be
saved in the external EEPROM, etc, and a transition must be made to standby mode or subsleep
mode. Until this processing is completed, the power supply voltage must be higher than the lower
limit of the guaranteed operating voltage.
When the power-supply voltage does not fall below Vreset1 (typ. = 2.3 V) voltage but rises above
Vint (U) (typ. = 4.0 V) voltage, the LVDI sets the
LVDINT signal to 1. If the LVDUE bit is 1 at
this time, the LVDUF bit in LVDSR is set to 1 and an IRQ0 interrupt request is simultaneously
generated.
If the power supply voltage (Vcc) falls below Vreset1 (typ. = 2.3 V) voltage, the LVDR function
is performed.
LVDINT
Vcc
Vint (D)
Vint (U)
VSS
LVDDF
LVDUE
LVDUF
IRQ0 interrupt generated IRQ0 interrupt generated
LVDDE
Vreset1
Figure 15.4 Operational Timing of LVDI Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com