Electronic Components Datasheet Search
  English  ▼

X  

HD64F36024 Datasheet(PDF) 265 Page - Renesas Technology Corp

Part # HD64F36024
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  384 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36024 Datasheet(HTML) 265 Page - Renesas Technology Corp

Back Button HD64F36024 Datasheet HTML 261Page - Renesas Technology Corp HD64F36024 Datasheet HTML 262Page - Renesas Technology Corp HD64F36024 Datasheet HTML 263Page - Renesas Technology Corp HD64F36024 Datasheet HTML 264Page - Renesas Technology Corp HD64F36024 Datasheet HTML 265Page - Renesas Technology Corp HD64F36024 Datasheet HTML 266Page - Renesas Technology Corp HD64F36024 Datasheet HTML 267Page - Renesas Technology Corp HD64F36024 Datasheet HTML 268Page - Renesas Technology Corp HD64F36024 Datasheet HTML 269Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 265 / 384 page
background image
Section 17 List of Registers
Rev. 4.00 Sep. 23, 2005 Page 239 of 354
REJ09B0025-0400
Section 17 List of Registers
The register list gives information on the on-chip I/O register addresses, how the register bits are
configured, and the register states in each operating mode. The information is given as shown
below.
1. Register addresses (address order)
• Registers are listed from the lower allocation addresses.
• Registers are classified by functional modules.
• The data bus width is indicated.
• The number of access states is indicated.
2. Register bits
• Bit configurations of the registers are described in the same order as the register addresses.
• Reserved bits are indicated by  in the bit name column.
• When registers consist of 16 bits, bits are described from the MSB side.
3. Register states in each operating mode
• Register states are described in the same order as the register addresses.
• The register states described here are for the basic operating modes. If there is a specific reset
for an on-chip peripheral module, refer to the section on that on-chip peripheral module.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com