Electronic Components Datasheet Search
  English  ▼

X  

HD64F36024 Datasheet(PDF) 267 Page - Renesas Technology Corp

Part # HD64F36024
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  384 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36024 Datasheet(HTML) 267 Page - Renesas Technology Corp

Back Button HD64F36024 Datasheet HTML 263Page - Renesas Technology Corp HD64F36024 Datasheet HTML 264Page - Renesas Technology Corp HD64F36024 Datasheet HTML 265Page - Renesas Technology Corp HD64F36024 Datasheet HTML 266Page - Renesas Technology Corp HD64F36024 Datasheet HTML 267Page - Renesas Technology Corp HD64F36024 Datasheet HTML 268Page - Renesas Technology Corp HD64F36024 Datasheet HTML 269Page - Renesas Technology Corp HD64F36024 Datasheet HTML 270Page - Renesas Technology Corp HD64F36024 Datasheet HTML 271Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 267 / 384 page
background image
Section 17 List of Registers
Rev. 4.00 Sep. 23, 2005 Page 241 of 354
REJ09B0025-0400
Register Name
Abbre-
viation
Bit No
Address
Module
Name
Data Bus
Width
Access
State
General register B
GRB
16
H'FF8A
Timer W
16*
2
2
General register C
GRC
16
H'FF8C
Timer W
16*
2
2
General register D
GRD
16
H'FF8E
Timer W
16*
2
2
Flash memory control register 1
FLMCR1
8
H'FF90
ROM
8
2
Flash memory control register 2
FLMCR2
8
H'FF91
ROM
8
2
Erase block register 1
EBR1
8
H'FF93
ROM
8
2
Flash memory enable register
FENR
8
H'FF9B
ROM
8
2
Timer control register V0
TCRV0
8
H'FFA0
Timer V
8
3
Timer control/status register V
TCSRV
8
H'FFA1
Timer V
8
3
Timer constant register A
TCORA
8
H'FFA2
Timer V
8
3
Timer constant register B
TCORB
8
H'FFA3
Timer V
8
3
Timer counter V
TCNTV
8
H'FFA4
Timer V
8
3
Timer control register V1
TCRV1
8
H'FFA5
Timer V
8
3
Serial mode register
SMR
8
H'FFA8
SCI3
8
3
Bit rate register
BRR
8
H'FFA9
SCI3
8
3
Serial control register 3
SCR3
8
H'FFAA
SCI3
8
3
Transmit data register
TDR
8
H'FFAB
SCI3
8
3
Serial status register
SSR
8
H'FFAC
SCI3
8
3
Receive data register
RDR
8
H'FFAD
SCI3
8
3
A/D data register A
ADDRA
16
H'FFB0
A/D
converter
8
3
A/D data register B
ADDRB
16
H'FFB2
A/D
converter
8
3
A/D data register C
ADDRC
16
H'FFB4
A/D
converter
8
3
A/D data register D
ADDRD
16
H'FFB6
A/D
converter
8
3
A/D control/status register
ADCSR
8
H'FFB8
A/D
converter
8
3
A/D control register
ADCR
8
H'FFB9
A/D
converter
8
3
Timer control/status register WD
TCSRWD
8
H'FFC0
WDT*
3
8
2
Timer counter WD
TCWD
8
H'FFC1
WDT*
3
8
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com