Electronic Components Datasheet Search
  English  ▼

X  

HD64F36024 Datasheet(PDF) 266 Page - Renesas Technology Corp

Part # HD64F36024
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  384 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36024 Datasheet(HTML) 266 Page - Renesas Technology Corp

Back Button HD64F36024 Datasheet HTML 262Page - Renesas Technology Corp HD64F36024 Datasheet HTML 263Page - Renesas Technology Corp HD64F36024 Datasheet HTML 264Page - Renesas Technology Corp HD64F36024 Datasheet HTML 265Page - Renesas Technology Corp HD64F36024 Datasheet HTML 266Page - Renesas Technology Corp HD64F36024 Datasheet HTML 267Page - Renesas Technology Corp HD64F36024 Datasheet HTML 268Page - Renesas Technology Corp HD64F36024 Datasheet HTML 269Page - Renesas Technology Corp HD64F36024 Datasheet HTML 270Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 266 / 384 page
background image
Section 17 List of Registers
Rev. 4.00 Sep. 23, 2005 Page 240 of 354
REJ09B0025-0400
17.1
Register Addresses (Address Order)
The data bus width indicates the numbers of bits by which the register is accessed.
The number of access states indicates the number of states based on the specified reference clock.
Register Name
Abbre-
viation
Bit No
Address
Module
Name
Data Bus
Width
Access
State
Serial mode register_3
SMR_3
8
H'F600
SCI3_3
8
3
Bit rate register_3
BRR_3
8
H'F601
SCI3_3
8
3
Serial control register 3_3
SCR3_3
8
H'F602
SCI3_3
8
3
Transmit data register_3
TDR_3
8
H'F603
SCI3_3
8
3
Serial status register_3
SSR_3
8
H'F604
SCI3_3
8
3
Receive data register_3
RDR_3
8
H'F605
SCI3_3
8
3
H'F606,
H'F607
SCI3_3
SCI3_3 module control register
SMCR
8
H'F608
SCI3_3
8
3
Low-voltage-detection control
register
LVDCR
8
H'F730
LVDC*
1
8
2
Low-voltage-detection status
register
LVDSR
8
H'F731
LVDC*
1
8
2
Serial mode register_2
SMR_2
8
H'F740
SCI3_2
8
3
Bit rate register_2
BRR_2
8
H'F741
SCI3_2
8
3
Serial control register 3_2
SCR3_2
8
H'F742
SCI3_2
8
3
Transmit data register_2
TDR_2
8
H'F743
SCI3_2
8
3
Serial status register_2
SSR_2
8
H'F744
SCI3_2
8
3
Receive data register_2
RDR_2
8
H'F745
SCI3_2
8
3
Timer mode register W
TMRW
8
H'FF80
Timer W
8
2
Timer control register W
TCRW
8
H'FF81
Timer W
8
2
Timer interrupt enable register W
TIERW
8
H'FF82
Timer W
8
2
Timer status register W
TSRW
8
H'FF83
Timer W
8
2
Timer I/O control register 0
TIOR0
8
H'FF84
Timer W
8
2
Timer I/O control register 1
TIOR1
8
H'FF85
Timer W
8
2
Timer counter
TCNT
16
H'FF86
Timer W
16*
2
2
General register A
GRA
16
H'FF88
Timer W
16*
2
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com