Electronic Components Datasheet Search
  English  ▼

X  

HD64F36024 Datasheet(PDF) 264 Page - Renesas Technology Corp

Part # HD64F36024
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  384 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36024 Datasheet(HTML) 264 Page - Renesas Technology Corp

Back Button HD64F36024 Datasheet HTML 260Page - Renesas Technology Corp HD64F36024 Datasheet HTML 261Page - Renesas Technology Corp HD64F36024 Datasheet HTML 262Page - Renesas Technology Corp HD64F36024 Datasheet HTML 263Page - Renesas Technology Corp HD64F36024 Datasheet HTML 264Page - Renesas Technology Corp HD64F36024 Datasheet HTML 265Page - Renesas Technology Corp HD64F36024 Datasheet HTML 266Page - Renesas Technology Corp HD64F36024 Datasheet HTML 267Page - Renesas Technology Corp HD64F36024 Datasheet HTML 268Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 264 / 384 page
background image
Section 16 Power Supply Circuit
Rev. 4.00 Sep. 23, 2005 Page 238 of 354
REJ09B0025-0400
16.2
When Not Using Internal Power Supply Step-Down Circuit
When the internal power supply step-down circuit is not used, connect the external power supply
to the V
CL pin and VCC pin, as shown in figure 16.2. The external power supply is then input directly
to the internal power supply. The permissible range for the power supply voltage is 3.0 V to 3.6 V.
Operation cannot be guaranteed if a voltage outside this range (less than 3.0 V or more than 3.6 V)
is input.
VCL
VSS
Internal
logic
Step-down circuit
Internal
power
supply
VCC
VCC = 3.0 to 3.6 V
Figure 16.2 Power Supply Connection when Internal Step-Down Circuit is Not Used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com