Electronic Components Datasheet Search
  English  ▼

X  

HD64F36024 Datasheet(PDF) 298 Page - Renesas Technology Corp

Part # HD64F36024
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  384 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36024 Datasheet(HTML) 298 Page - Renesas Technology Corp

Back Button HD64F36024 Datasheet HTML 294Page - Renesas Technology Corp HD64F36024 Datasheet HTML 295Page - Renesas Technology Corp HD64F36024 Datasheet HTML 296Page - Renesas Technology Corp HD64F36024 Datasheet HTML 297Page - Renesas Technology Corp HD64F36024 Datasheet HTML 298Page - Renesas Technology Corp HD64F36024 Datasheet HTML 299Page - Renesas Technology Corp HD64F36024 Datasheet HTML 300Page - Renesas Technology Corp HD64F36024 Datasheet HTML 301Page - Renesas Technology Corp HD64F36024 Datasheet HTML 302Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 298 / 384 page
background image
Section 18 Electrical Characteristics
Rev. 4.00 Sep. 23, 2005 Page 272 of 354
REJ09B0025-0400
Values
Item
Symbol
Applicable Pins
Test Condition
Min
Typ
Max
Unit
Notes
Pull-up
MOS
–I
p
P12 to P10,
P17 to P14,
V
CC = 5.0 V,
V
IN = 0.0 V
50.0
—
300.0
µA
current
P55 to P50
V
CC = 3.0 V,
V
IN = 0.0 V
—
60.0
—
Reference
value
Input
capaci-
tance
C
in
All input pins
except power
supply pins
f = 1 MHz,
V
IN = 0.0 V,
T
a = 25°C
—
—
15.0
pF
Active
mode
current
I
OPE1
V
CC
Active mode 1
V
CC = 5.0 V,
f
OSC = 20 MHz
—
15.0
30.0
mA
*
2
consump-
tion
Active mode 1
V
CC = 3.0 V,
f
OSC = 10 MHz
—
8.0
—
*
2
Reference
value
I
OPE2
V
CC
Active mode 2
V
CC = 5.0 V,
f
OSC = 20 MHz
—
1.8
3.0
mA
*
2
Active mode 2
V
CC = 3.0 V,
f
OSC = 10 MHz
—
1.2
—
*
2
Reference
value
Sleep
mode
current
I
SLEEP1
V
CC
Sleep mode 1
V
CC = 5.0 V,
f
OSC = 20 MHz
—
11.5
22.5
mA
*
2
consump-
tion
Sleep mode 1
V
CC = 3.0 V,
f
OSC = 10 MHz
—
6.5
—
*
2
Reference
value
I
SLEEP2
V
CC
Sleep mode 2
V
CC = 5.0 V,
f
OSC = 20 MHz
—
1.7
2.7
mA
*
2
Sleep mode 2
V
CC = 3.0 V,
f
OSC = 10 MHz
—
1.1
—
*
2
Reference
value
Standby
mode
current
consump-
tion
I
STBY
V
CC
—
—
5.0
µA
*
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com