Electronic Components Datasheet Search
  English  ▼

X  

HD64F36024 Datasheet(PDF) 297 Page - Renesas Technology Corp

Part # HD64F36024
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  384 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36024 Datasheet(HTML) 297 Page - Renesas Technology Corp

Back Button HD64F36024 Datasheet HTML 293Page - Renesas Technology Corp HD64F36024 Datasheet HTML 294Page - Renesas Technology Corp HD64F36024 Datasheet HTML 295Page - Renesas Technology Corp HD64F36024 Datasheet HTML 296Page - Renesas Technology Corp HD64F36024 Datasheet HTML 297Page - Renesas Technology Corp HD64F36024 Datasheet HTML 298Page - Renesas Technology Corp HD64F36024 Datasheet HTML 299Page - Renesas Technology Corp HD64F36024 Datasheet HTML 300Page - Renesas Technology Corp HD64F36024 Datasheet HTML 301Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 297 / 384 page
background image
Section 18 Electrical Characteristics
Rev. 4.00 Sep. 23, 2005 Page 271 of 354
REJ09B0025-0400
Values
Item
Symbol
Applicable Pins
Test Condition
Min
Typ
Max
Unit
Notes
Output
high
voltage
V
OH
V
CC = 4.0 V to 5.5 V
–I
OH = 1.5 mA
V
CC – 1.0 —
—
V
P12 to P10,
P17 to P14,
P22 to P20,
P57 to P50,
P76 to P70,
P84 to P80
–I
OH = 0.1 mA
V
CC – 0.5 —
—
Output
low
voltage
V
OL
V
CC = 4.0 V to 5.5 V
I
OL = 1.6 mA
—
—
0.6
V
P12 to P10,
P17 to P14,
P22 to P20,
P57 to P50,
P76 to P70
I
OL = 0.4 mA
—
—
0.4
P84 to P80
V
CC = 4.0 V to 5.5 V
I
OL = 20.0 mA
—
—
1.5
V
V
CC = 4.0 V to 5.5 V
I
OL = 10.0 mA
—
—
1.0
V
CC = 4.0 V to 5.5 V
I
OL = 1.6 mA
—
—
0.4
I
OL = 0.4 mA
—
—
0.4
Input/
output
leakage
current
| I
IL |
OSC1,
RES,
NMI, WKP0 to
WKP5,
IRQ0, IRQ3,
ADTRG, TRGV,
TMRIV, TMCIV,
FTCI, FTIOA to
FTIOD, RXD,
RXD_2, RXD_3*
1,
SCK3, SCK3_2,
SCK3_3*
1
V
IN = 0.5 V to
(V
CC – 0.5 V)
—
—
1.0
µA
P12 to P10,
P17 to P14,
P22 to P20,
P57 to P50,
P76 to P70,
P84 to P80
V
IN = 0.5 V to
(V
CC – 0.5 V)
—
—
1.0
µA
PB3 to PB0
V
IN = 0.5 V to
(AV
CC – 0.5 V)
—
—
1.0
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com