Electronic Components Datasheet Search
  English  ▼

X  

HD64F36024 Datasheet(PDF) 293 Page - Renesas Technology Corp

Part # HD64F36024
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  384 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36024 Datasheet(HTML) 293 Page - Renesas Technology Corp

Back Button HD64F36024 Datasheet HTML 289Page - Renesas Technology Corp HD64F36024 Datasheet HTML 290Page - Renesas Technology Corp HD64F36024 Datasheet HTML 291Page - Renesas Technology Corp HD64F36024 Datasheet HTML 292Page - Renesas Technology Corp HD64F36024 Datasheet HTML 293Page - Renesas Technology Corp HD64F36024 Datasheet HTML 294Page - Renesas Technology Corp HD64F36024 Datasheet HTML 295Page - Renesas Technology Corp HD64F36024 Datasheet HTML 296Page - Renesas Technology Corp HD64F36024 Datasheet HTML 297Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 293 / 384 page
background image
Section 18 Electrical Characteristics
Rev. 4.00 Sep. 23, 2005 Page 267 of 354
REJ09B0025-0400
18.2.8
Power-On Reset Circuit Characteristics (Optional)
Table 18.9
Power-On Reset Circuit Characteristics
V
SS = 0.0 V, Ta = –20 to +75°C, unless otherwise indicated.
Values
Item
Symbol
Test
Condition
Min
Typ
Max
Unit
Pull-up resistance of
RES pin
R
RES
100
150
—
k
Ω
Power-on reset start voltage*
V
por
—
—
100
mV
Note:
*
The power-supply voltage (Vcc) must fall below Vpor = 100 mV and then rise after
charge of the
RES pin is removed completely. In order to remove charge of the RES
pin, it is recommended that the diode be placed in the Vcc side. If the power-supply
voltage (Vcc) rises from the point over 100 mV, a power-on reset may not occur.
18.3
Electrical Characteristics (Masked ROM Version)
18.3.1
Power Supply Voltage and Operating Ranges
(1)
Power Supply Voltage and Oscillation Frequency Range
10.0
2.0
20.0
2.7
4.0
5.5
VCC (V)
øOSC (MHz)
• AVCC = 3.0 V to 5.5 V
• Active mode
• Sleep mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com