Electronic Components Datasheet Search
  English  ▼

X  

HD64F36024 Datasheet(PDF) 290 Page - Renesas Technology Corp

Part # HD64F36024
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  384 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36024 Datasheet(HTML) 290 Page - Renesas Technology Corp

Back Button HD64F36024 Datasheet HTML 286Page - Renesas Technology Corp HD64F36024 Datasheet HTML 287Page - Renesas Technology Corp HD64F36024 Datasheet HTML 288Page - Renesas Technology Corp HD64F36024 Datasheet HTML 289Page - Renesas Technology Corp HD64F36024 Datasheet HTML 290Page - Renesas Technology Corp HD64F36024 Datasheet HTML 291Page - Renesas Technology Corp HD64F36024 Datasheet HTML 292Page - Renesas Technology Corp HD64F36024 Datasheet HTML 293Page - Renesas Technology Corp HD64F36024 Datasheet HTML 294Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 290 / 384 page
background image
Section 18 Electrical Characteristics
Rev. 4.00 Sep. 23, 2005 Page 264 of 354
REJ09B0025-0400
18.2.6
Flash Memory Characteristics
Table 18.7
Flash Memory Characteristics
V
CC = 3.0 V to 5.5 V, VSS = 0.0 V, Ta = –20°C to +75°C, unless otherwise specified.
Test
Values
Item
Symbol
Condition
Min
Typ
Max
Unit
Programming time (per 128 bytes)*
1*2*4
t
P
—
7
200
ms
Erase time (per block) *
1*3*6
t
E
—
100
1200
ms
Reprogramming count
N
WEC
1000
10000
—
Times
Programming
Wait time after SWE
bit setting*
1
x
1
—
—
µs
Wait time after PSU
bit setting*
1
y
50
—
—
µs
Wait time after P bit setting
z1
1
≤ n ≤ 6
28
30
32
µs
*
1*4
z2
7
≤ n ≤ 1000
198
200
202
µs
z3
Additional-
programming
8
10
12
µs
Wait time after P bit clear*
1
α
5
—
—
µs
Wait time after PSU
bit clear*
1
β
5
—
—
µs
Wait time after PV
bit setting*
1
γ
4
—
—
µs
Wait time after
dummy write*
1
ε
2
—
—
µs
Wait time after PV bit clear*
1
η
2
—
—
µs
Wait time after SWE
bit clear*
1
θ
100
—
—
µs
Maximum
programming count*
1*4*5
N
—
—
1000
Times



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com