Electronic Components Datasheet Search
  English  ▼

X  

HD64F36024 Datasheet(PDF) 287 Page - Renesas Technology Corp

Part # HD64F36024
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  384 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36024 Datasheet(HTML) 287 Page - Renesas Technology Corp

Back Button HD64F36024 Datasheet HTML 283Page - Renesas Technology Corp HD64F36024 Datasheet HTML 284Page - Renesas Technology Corp HD64F36024 Datasheet HTML 285Page - Renesas Technology Corp HD64F36024 Datasheet HTML 286Page - Renesas Technology Corp HD64F36024 Datasheet HTML 287Page - Renesas Technology Corp HD64F36024 Datasheet HTML 288Page - Renesas Technology Corp HD64F36024 Datasheet HTML 289Page - Renesas Technology Corp HD64F36024 Datasheet HTML 290Page - Renesas Technology Corp HD64F36024 Datasheet HTML 291Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 287 / 384 page
background image
Section 18 Electrical Characteristics
Rev. 4.00 Sep. 23, 2005 Page 261 of 354
REJ09B0025-0400
Table 18.4
Serial Interface (SCI3) Timing
V
CC = 3.0 V to 5.5 V, VSS = 0.0 V, Ta = –20°C to +75°C, unless otherwise specified.
Applicable
Values
Reference
Item
Symbol
Pins
Test Condition
Min
Typ Max Unit
Figure
Input
clock
Asynchro-
nous
t
Scyc
SCK3,
SCK3_2,
4
—
—
t
cyc
Figure 18.4
cycle
Clocked
synchro-
nous
SCK3_3*
6
—
—
t
cyc
Input clock pulse
width
t
SCKW
SCK3,
SCK3_2,
SCK3_3*
0.4
—
0.6
t
Scyc
Transmit data delay
t
TXD
V
CC = 4.0 V to 5.5 V
—
—
1
t
cyc
Figure 18.5
time (clocked
synchronous)
TXD,
TXD_2,
TXD_3*
—
—
1
t
cyc
Receive data setup
t
RXS
V
CC = 4.0 V to 5.5 V
50.0
—
—
ns
time (clocked
synchronous)
RXD,
RXD_2,
RXD_3*
100.0
—
—
ns
Receive data hold
t
RXH
V
CC = 4.0 V to 5.5 V
50.0
—
—
ns
time (clocked
synchronous)
RXD,
RXD_2,
RXD_3*
100.0
—
—
ns
Note:
*
The SCK3_3, RXD_3, and TXD_3 pins are not available in the H8/36014.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com