Electronic Components Datasheet Search
  English  ▼

X  

HD64F36024 Datasheet(PDF) 291 Page - Renesas Technology Corp

Part # HD64F36024
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  384 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36024 Datasheet(HTML) 291 Page - Renesas Technology Corp

Back Button HD64F36024 Datasheet HTML 287Page - Renesas Technology Corp HD64F36024 Datasheet HTML 288Page - Renesas Technology Corp HD64F36024 Datasheet HTML 289Page - Renesas Technology Corp HD64F36024 Datasheet HTML 290Page - Renesas Technology Corp HD64F36024 Datasheet HTML 291Page - Renesas Technology Corp HD64F36024 Datasheet HTML 292Page - Renesas Technology Corp HD64F36024 Datasheet HTML 293Page - Renesas Technology Corp HD64F36024 Datasheet HTML 294Page - Renesas Technology Corp HD64F36024 Datasheet HTML 295Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 291 / 384 page
background image
Section 18 Electrical Characteristics
Rev. 4.00 Sep. 23, 2005 Page 265 of 354
REJ09B0025-0400
Test
Values
Item
Symbol
Condition
Min
Typ
Max
Unit
Erase
Wait time after SWE
bit setting*
1
x
1
—
—
µs
Wait time after ESU
bit setting*
1
y
100
—
—
µs
Wait time after E bit
setting*
1*6
z
10
—
100
ms
Wait time after E bit clear*
1
α
10
—
—
µs
Wait time after ESU
bit clear*
1
β
10
—
—
µs
Wait time after EV
bit setting*
1
γ
20
—
—
µs
Wait time after
dummy write*
1
ε
2
—
—
µs
Wait time after EV bit clear*
1
η
4
—
—
µs
Wait time after SWE
bit clear*
1
θ
100
—
—
µs
Maximum erase count*
1*6*7
N
—
—
120
Times
Notes: 1. Make the time settings in accordance with the program/erase algorithms.
2. The programming time for 128 bytes. (Indicates the total time for which the P bit in flash
memory control register 1 (FLMCR1) is set. The program-verify time is not included.)
3. The time required to erase one block. (Indicates the time for which the E bit in flash
memory control register 1 (FLMCR1) is set. The erase-verify time is not included.)
4. Programming time maximum value (t
P (max.)) = wait time after P bit setting (z) ×
maximum programming count (N)
5. Set the maximum programming count (N) according to the actual set values of z1, z2,
and z3, so that it does not exceed the programming time maximum value (t
P (max.)).
The wait time after P bit setting (z1, z2) should be changed as follows according to the
value of the programming count (n).
Programming count (n)
1
≤ n ≤ 6
z1 = 30 µs
7
≤ n ≤ 1000 z2 = 200 µs
6. Erase time maximum value (t
E (max.)) = wait time after E bit setting (z) × maximum
erase count (N)
7. Set the maximum erase count (N) according to the actual set value of (z), so that it
does not exceed the erase time maximum value (t
E (max.)).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com