Electronic Components Datasheet Search
  English  ▼

X  

SH7101 Datasheet(PDF) 375 Page - Renesas Technology Corp

Part # SH7101
Description  32-Bit RISC Microcomputer
PDF  486 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7101 Datasheet(HTML) 375 Page - Renesas Technology Corp

Back Button SH7101 Datasheet HTML 371Page - Renesas Technology Corp SH7101 Datasheet HTML 372Page - Renesas Technology Corp SH7101 Datasheet HTML 373Page - Renesas Technology Corp SH7101 Datasheet HTML 374Page - Renesas Technology Corp SH7101 Datasheet HTML 375Page - Renesas Technology Corp SH7101 Datasheet HTML 376Page - Renesas Technology Corp SH7101 Datasheet HTML 377Page - Renesas Technology Corp SH7101 Datasheet HTML 378Page - Renesas Technology Corp SH7101 Datasheet HTML 379Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 375 / 486 page
background image
11. A/D Converter
Rev.2.00 Sep. 27, 2007 Page 341 of 448
REJ09B0394-0200
11.7.4
Range of Analog Power Supply and Other Pin Settings
If the conditions below are not met, the reliability of the device may be adversely affected.
• Analog input voltage range
The voltage applied to analog input pin ANn during A/D conversion should be in the range
AVss
≤ VAN ≤ AVcc.
• Relationship between AVcc, AVss and Vcc, Vss
Set AVss = Vss for the relationship between AVcc, AVss and Vcc, Vss. If the A/D converter
is not used, the AVcc and AVss pins must not be left open.
11.7.5
Notes on Board Design
In board design, digital circuitry and analog circuitry should be as mutually isolated as possible,
and layout in which digital circuit signal lines and analog circuit signal lines cross or are in close
proximity should be avoided as far as possible. Failure to do so may result in incorrect operation
of the analog circuitry due to inductance, adversely affecting A/D conversion values. Also, digital
circuitry must be isolated from the analog input signals (AN8 to AN15), and analog power supply
(AVcc) by the analog ground (AVss). Also, the analog ground (AVss) should be connected at one
point to a stable ground (Vss) on the board.
11.7.6
Notes on Noise Countermeasures
A protection circuit should be connected in order to prevent damage due to abnormal voltage, such
as an excessive surge at the analog input pins (AN8 to AN15), between AVcc and AVss, as shown
in figure 11.8. Also, the bypass capacitors connected to AVcc and the filter capacitor connected to
AN8 to AN15 must be connected to AVss.
If a filter capacitor is connected, the input currents at the analog input pins (AN8 to AN15) are
averaged, and so an error may arise. Also, when A/D conversion is performed frequently, as in
scan mode, if the current charged and discharged by the capacitance of the sample-and-hold circuit
in the A/D converter exceeds the current input via the input impedance (R
in), an error will arise in
the analog input pin voltage. Careful consideration is therefore required when deciding circuit
constants.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com