Electronic Components Datasheet Search
  English  ▼

X  

SH7101 Datasheet(PDF) 376 Page - Renesas Technology Corp

Part # SH7101
Description  32-Bit RISC Microcomputer
PDF  486 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7101 Datasheet(HTML) 376 Page - Renesas Technology Corp

Back Button SH7101 Datasheet HTML 372Page - Renesas Technology Corp SH7101 Datasheet HTML 373Page - Renesas Technology Corp SH7101 Datasheet HTML 374Page - Renesas Technology Corp SH7101 Datasheet HTML 375Page - Renesas Technology Corp SH7101 Datasheet HTML 376Page - Renesas Technology Corp SH7101 Datasheet HTML 377Page - Renesas Technology Corp SH7101 Datasheet HTML 378Page - Renesas Technology Corp SH7101 Datasheet HTML 379Page - Renesas Technology Corp SH7101 Datasheet HTML 380Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 376 / 486 page
background image
11. A/D Converter
Rev.2.00 Sep. 27, 2007 Page 342 of 448
REJ09B0394-0200
AVCC
*1
AN8 to AN15
AVSS
Rin*
2
100
Ω
0.1
µF
0.01
µF
10
µF
Notes: Values are reference values.
1.
2. Rin: Input impedance
Figure 11.8 Example of Analog Input Protection Circuit
Table 11.6
Analog Pin Specifications
Item
Min
Max
Unit
Measurement
Condition
Analog input capacitance
⎯
20
pF
Permissible signal source impedance
⎯
3
k
Ω
p
φ ≤ 20 MHz
⎯
1
k
Ω
20 MHz < P
φ ≤ 25 MHz
20 pF
AN8 to AN15
Note: Values are reference values.
10 k
Ω
To A/D converter
Figure 11.9 Analog Input Pin Equivalent Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com