Electronic Components Datasheet Search
  English  ▼

X  

SH7101 Datasheet(PDF) 167 Page - Renesas Technology Corp

Part # SH7101
Description  32-Bit RISC Microcomputer
PDF  486 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7101 Datasheet(HTML) 167 Page - Renesas Technology Corp

Back Button SH7101 Datasheet HTML 163Page - Renesas Technology Corp SH7101 Datasheet HTML 164Page - Renesas Technology Corp SH7101 Datasheet HTML 165Page - Renesas Technology Corp SH7101 Datasheet HTML 166Page - Renesas Technology Corp SH7101 Datasheet HTML 167Page - Renesas Technology Corp SH7101 Datasheet HTML 168Page - Renesas Technology Corp SH7101 Datasheet HTML 169Page - Renesas Technology Corp SH7101 Datasheet HTML 170Page - Renesas Technology Corp SH7101 Datasheet HTML 171Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 486 page
background image
8. Multi-Function Timer Pulse Unit (MTU)
Rev.2.00 Sep. 27, 2007 Page 133 of 448
REJ09B0394-0200
8.3.12
Timer Gate Control Register (TGCR)
TGCR is an 8-bit readable/writable register that controls the waveform output necessary for
brushless DC motor control in reset-synchronized PWM mode/complementary PWM mode.
These register settings are ineffective for anything other than complementary PWM mode/reset-
synchronized PWM mode.
Bit
Bit Name
Initial
value
R/W
Description
7
⎯
0
R
Reserved
This bit is always read as 1. Only 1 should be written to
this bit.
6
BDC
0
R/W
Brushless DC Motor
This bit selects whether to make the functions of this
register (TGCR) effective or ineffective.
0: Ordinary output
1: Functions of this register are made effective
5
N
0
R/W
Reverse Phase Output (N) Control
This bit selects whether the level output or the reset-
synchronized PWM/complementary PWM output while
the reverse pins (TIOC3D, TIOC4C, and TIOC4D) are
on-output.
0: Level output
1: Reset synchronized PWM/complementary PWM
output
4
P
0
R/W
Positive Phase Output (P) Control
This bit selects whether the level output or the reset-
synchronized PWM/complementary PWM output while
the positive pin (TIOC3B, TIOC4A, and TIOC4B) are on-
output.
0: Level output
1: Reset synchronized PWM/complementary PWM
output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com