Electronic Components Datasheet Search
  English  ▼

X  

SH7101 Datasheet(PDF) 163 Page - Renesas Technology Corp

Part # SH7101
Description  32-Bit RISC Microcomputer
PDF  486 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7101 Datasheet(HTML) 163 Page - Renesas Technology Corp

Back Button SH7101 Datasheet HTML 159Page - Renesas Technology Corp SH7101 Datasheet HTML 160Page - Renesas Technology Corp SH7101 Datasheet HTML 161Page - Renesas Technology Corp SH7101 Datasheet HTML 162Page - Renesas Technology Corp SH7101 Datasheet HTML 163Page - Renesas Technology Corp SH7101 Datasheet HTML 164Page - Renesas Technology Corp SH7101 Datasheet HTML 165Page - Renesas Technology Corp SH7101 Datasheet HTML 166Page - Renesas Technology Corp SH7101 Datasheet HTML 167Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 486 page
background image
8. Multi-Function Timer Pulse Unit (MTU)
Rev.2.00 Sep. 27, 2007 Page 129 of 448
REJ09B0394-0200
Bit
Bit Name
Initial
value
R/W
Description
2
1
0
SYNC2
SYNC1
SYNC0
0
0
0
R/W
R/W
R/W
Timer Synchro 2 to 0
These bits are used to select whether operation is
independent of or synchronized with other channels.
When synchronous operation is selected, the TCNT
synchronous presetting of multiple channels, and
synchronous clearing by counter clearing on another
channel, are possible.
To set synchronous operation, the SYNC bits for at least
two channels must be set to 1. To set synchronous
clearing, in addition to the SYNC bit, the TCNT clearing
source must also be set by means of bits CCLR0 to
CCLR2 in TCR.
0: TCNT_2 to TCNT_0 operates independently (TCNT
presetting /clearing is unrelated to other channels)
1: TCNT_2 to TCNT_0 performs synchronous operation
TCNT synchronous presetting/synchronous clearing is
possible



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com