Electronic Components Datasheet Search
  English  ▼

X  

SH7101 Datasheet(PDF) 161 Page - Renesas Technology Corp

Part # SH7101
Description  32-Bit RISC Microcomputer
PDF  486 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7101 Datasheet(HTML) 161 Page - Renesas Technology Corp

Back Button SH7101 Datasheet HTML 157Page - Renesas Technology Corp SH7101 Datasheet HTML 158Page - Renesas Technology Corp SH7101 Datasheet HTML 159Page - Renesas Technology Corp SH7101 Datasheet HTML 160Page - Renesas Technology Corp SH7101 Datasheet HTML 161Page - Renesas Technology Corp SH7101 Datasheet HTML 162Page - Renesas Technology Corp SH7101 Datasheet HTML 163Page - Renesas Technology Corp SH7101 Datasheet HTML 164Page - Renesas Technology Corp SH7101 Datasheet HTML 165Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 486 page
background image
8. Multi-Function Timer Pulse Unit (MTU)
Rev.2.00 Sep. 27, 2007 Page 127 of 448
REJ09B0394-0200
8.3.7
Timer General Register (TGR)
The TGR registers are dual function 16-bit readable/writable registers, functioning as either output
compare or input capture registers. The MTU has 16 TGR registers, four each for channels 0, 3,
and 4 and two each for channels 1 and 2. TGRC and TGRD for channels 0, 3, and 4 can also be
designated for operation as buffer registers. The TGR registers cannot be accessed in 8-bit units;
they must always be accessed as a 16-bit unit. TGR buffer register combinations are TGRA-
TGRC and TGRB-TGRD. The initial value is H'FFFF.
8.3.8
Timer Start Register (TSTR)
TSTR is an 8-bit readable/writable register that selects operation/stoppage for channels 0 to 4.
When setting the operating mode in TMDR or setting the count clock in TCR, first stop the TCNT
counter.
Bit
Bit Name
Initial
value
R/W
Description
7
6
CST4
CST3
0
0
R/W
R/W
Counter Start 4 and 3
These bits select operation or stoppage for TCNT.
If 0 is written to the CST bit during operation with the
TIOC pin designated for output, the counter stops but the
TIOC pin output compare output level is retained. If TIOR
is written to when the CST bit is cleared to 0, the pin
output level will be changed to the set initial output value.
0: TCNT_4 and TCNT_3 count operation is stopped
1: TCNT_4 and TCNT_3 performs count operation
5 to 3
⎯
All 0
R
Reserved
These bits are always read as 0. Only 0 should be written
to these bits.
2
1
0
CST2
CST1
CST0
0
0
0
R/W
R/W
R/W
Counter Start 2 to 0
These bits select operation or stoppage for TCNT.
If 0 is written to the CST bit during operation with the
TIOC pin designated for output, the counter stops but the
TIOC pin output compare output level is retained. If TIOR
is written to when the CST bit is cleared to 0, the pin
output level will be changed to the set initial output value.
0: TCNT_2 and TCNT_0 count operation is stopped
1: TCNT_2 and TCNT_0 performs count operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com