Electronic Components Datasheet Search
  English  ▼

X  

SH7101 Datasheet(PDF) 158 Page - Renesas Technology Corp

Part # SH7101
Description  32-Bit RISC Microcomputer
PDF  486 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7101 Datasheet(HTML) 158 Page - Renesas Technology Corp

Back Button SH7101 Datasheet HTML 154Page - Renesas Technology Corp SH7101 Datasheet HTML 155Page - Renesas Technology Corp SH7101 Datasheet HTML 156Page - Renesas Technology Corp SH7101 Datasheet HTML 157Page - Renesas Technology Corp SH7101 Datasheet HTML 158Page - Renesas Technology Corp SH7101 Datasheet HTML 159Page - Renesas Technology Corp SH7101 Datasheet HTML 160Page - Renesas Technology Corp SH7101 Datasheet HTML 161Page - Renesas Technology Corp SH7101 Datasheet HTML 162Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 486 page
background image
8. Multi-Function Timer Pulse Unit (MTU)
Rev.2.00 Sep. 27, 2007 Page 124 of 448
REJ09B0394-0200
8.3.5
Timer Status Register (TSR)
The TSR registers are 8-bit readable/writable registers that indicate the status of each channel. The
MTU has five TSR registers, one for each channel.
Bit
Bit Name
Initial
value
R/W
Description
7
TCFD
1
R
Count Direction Flag
Status flag that shows the direction in which TCNT
counts in channels 1, 2, 3, and 4.
In channel 0, bit 7 is reserved. It is always read as 1, and
should only be written with 1.
0: TCNT counts down
1: TCNT counts up
6
⎯
1
R
Reserved
This bit is always read as 1, and should only be written
with 1.
5
TCFU
0
R/(W)
Underflow Flag
Status flag that indicates that TCNT underflow has
occurred when channels 1 and 2 are set to phase
counting mode. Only 0 can be written, for flag clearing.
In channels 0, 3, and 4, bit 5 is reserved. It is always
read as 0, and the write value should always be 0.
[Setting condition]
• When the TCNT value underflows (changes from
H'0000 to H'FFFF)
[Clearing condition]
• When 0 is written to TCFU after reading TCFU = 1
4
TCFV
0
R/(W)
Overflow Flag
Status flag that indicates that TCNT overflow has
occurred. Only 0 can be written, for flag clearing.
[Setting condition]
• When the TCNT value overflows (changes from
H'FFFF to H'0000)
In channel 4, when TCNT_4 is underflowed (changes
from H'0000 to H'0001) in complementary PWM
mode.
[Clearing condition]
• When 0 is written to TCFV after reading TCFV = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com