Electronic Components Datasheet Search
  English  ▼

X  

SH7101 Datasheet(PDF) 162 Page - Renesas Technology Corp

Part # SH7101
Description  32-Bit RISC Microcomputer
PDF  486 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7101 Datasheet(HTML) 162 Page - Renesas Technology Corp

Back Button SH7101 Datasheet HTML 158Page - Renesas Technology Corp SH7101 Datasheet HTML 159Page - Renesas Technology Corp SH7101 Datasheet HTML 160Page - Renesas Technology Corp SH7101 Datasheet HTML 161Page - Renesas Technology Corp SH7101 Datasheet HTML 162Page - Renesas Technology Corp SH7101 Datasheet HTML 163Page - Renesas Technology Corp SH7101 Datasheet HTML 164Page - Renesas Technology Corp SH7101 Datasheet HTML 165Page - Renesas Technology Corp SH7101 Datasheet HTML 166Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 486 page
background image
8. Multi-Function Timer Pulse Unit (MTU)
Rev.2.00 Sep. 27, 2007 Page 128 of 448
REJ09B0394-0200
8.3.9
Timer Synchro Register (TSYR)
TSYR is an 8-bit readable/writable register that selects independent operation or synchronous
operation for the channel 0 to 4 TCNT counters. A channel performs synchronous operation when
the corresponding bit in TSYR is set to 1.
Bit
Bit Name
Initial
value
R/W
Description
7
6
SYNC4
SYNC3
0
0
R/W
R/W
Timer Synchro 4 and 3
These bits are used to select whether operation is
independent of or synchronized with other channels.
When synchronous operation is selected, the TCNT
synchronous presetting of multiple channels, and
synchronous clearing by counter clearing on another
channel, are possible.
To set synchronous operation, the SYNC bits for at least
two channels must be set to 1. To set synchronous
clearing, in addition to the SYNC bit, the TCNT clearing
source must also be set by means of bits CCLR0 to
CCLR2 in TCR.
0: TCNT_4 and TCNT_3 operate independently (TCNT
presetting/clearing is unrelated to other channels)
1: TCNT_4 and TCNT_3 performs synchronous
operation
TCNT synchronous presetting/synchronous clearing is
possible
5 to 3
⎯
All 0
R
Reserved
These bits are always read as 0. Only 0 should be written
to these bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com