Electronic Components Datasheet Search
  English  ▼

X  

SH7101 Datasheet(PDF) 164 Page - Renesas Technology Corp

Part # SH7101
Description  32-Bit RISC Microcomputer
PDF  486 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7101 Datasheet(HTML) 164 Page - Renesas Technology Corp

Back Button SH7101 Datasheet HTML 160Page - Renesas Technology Corp SH7101 Datasheet HTML 161Page - Renesas Technology Corp SH7101 Datasheet HTML 162Page - Renesas Technology Corp SH7101 Datasheet HTML 163Page - Renesas Technology Corp SH7101 Datasheet HTML 164Page - Renesas Technology Corp SH7101 Datasheet HTML 165Page - Renesas Technology Corp SH7101 Datasheet HTML 166Page - Renesas Technology Corp SH7101 Datasheet HTML 167Page - Renesas Technology Corp SH7101 Datasheet HTML 168Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 486 page
background image
8. Multi-Function Timer Pulse Unit (MTU)
Rev.2.00 Sep. 27, 2007 Page 130 of 448
REJ09B0394-0200
8.3.10
Timer Output Master Enable Register (TOER)
TOER is an 8-bit readable/writable register that enables/disables output settings for output pins
TIOC4D, TIOC4C, TIOC3D, TIOC4B, TIOC4A, and TIOC3B. These pins do not output
correctly if the TOER bits have not been set. Set TOER of CH3 and CH4 prior to setting TIOR of
CH3 and CH4.
Bit
Bit Name
Initial
value
R/W
Description
7, 6
⎯
All 1
R
Reserved
These bits are always read as 1. Only 1 should be written
to these bits.
5
OE4D
0
R/W
Master Enable TIOC4D
This bit enables/disables the TIOC4D pin MTU output.
0: MTU output is disabled
1: MTU output is enabled
4
OE4C
0
R/W
Master Enable TIOC4C
This bit enables/disables the TIOC4C pin MTU output.
0: MTU output is disabled
1: MTU output is enabled
3
OE3D
0
R/W
Master Enable TIOC3D
This bit enables/disables the TIOC3D pin MTU output.
0: MTU output is disabled
1: MTU output is enabled
2
OE4B
0
R/W
Master Enable TIOC4B
This bit enables/disables the TIOC4B pin MTU output.
0: MTU output is disabled
1: MTU output is enabled
1
OE4A
0
R/W
Master Enable TIOC4A
This bit enables/disables the TIOC4A pin MTU output.
0: MTU output is disabled
1: MTU output is enabled
0
OE3B
0
R/W
Master Enable TIOC3B
This bit enables/disables the TIOC3B pin MTU output.
0: MTU output is disabled
1: MTU output is enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com