Electronic Components Datasheet Search
  English  ▼

X  

SH7101 Datasheet(PDF) 159 Page - Renesas Technology Corp

Part # SH7101
Description  32-Bit RISC Microcomputer
PDF  486 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7101 Datasheet(HTML) 159 Page - Renesas Technology Corp

Back Button SH7101 Datasheet HTML 155Page - Renesas Technology Corp SH7101 Datasheet HTML 156Page - Renesas Technology Corp SH7101 Datasheet HTML 157Page - Renesas Technology Corp SH7101 Datasheet HTML 158Page - Renesas Technology Corp SH7101 Datasheet HTML 159Page - Renesas Technology Corp SH7101 Datasheet HTML 160Page - Renesas Technology Corp SH7101 Datasheet HTML 161Page - Renesas Technology Corp SH7101 Datasheet HTML 162Page - Renesas Technology Corp SH7101 Datasheet HTML 163Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 486 page
background image
8. Multi-Function Timer Pulse Unit (MTU)
Rev.2.00 Sep. 27, 2007 Page 125 of 448
REJ09B0394-0200
Bit
Bit Name
Initial
value
R/W
Description
3
TGFD
0
R/(W)
Input Capture/Output Compare Flag D
Status flag that indicates the occurrence of TGRD input
capture or compare match in channels 0, 3, and 4. Only
0 can be written, for flag clearing. In channels 1 and 2, bit
3 is reserved. It is always read as 0, and the write value
should always be 0.
[Setting conditions]
• When TCNT = TGRD and TGRD is functioning as
output compare register
• When TCNT value is transferred to TGRD by input
capture signal and TGRD is functioning as input
capture register
[Clearing condition]
• When 0 is written to TGFD after reading TGFD = 1
2
TGFC
0
R/(W)
Input Capture/Output Compare Flag C
Status flag that indicates the occurrence of TGRC input
capture or compare match in channels 0, 3, and 4. Only
0 can be written, for flag clearing. In channels 1 and 2, bit
2 is reserved. It is always read as 0, and the write value
should always be 0.
[Setting conditions]
• When TCNT = TGRC and TGRC is functioning as
output compare register
• When TCNT value is transferred to TGRC by input
capture signal and TGRC is functioning as input
capture register
[Clearing condition]
• When 0 is written to TGFC after reading TGFC = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com