Electronic Components Datasheet Search
  English  ▼

X  

3886 Datasheet(PDF) 210 Page - Renesas Technology Corp

Part # 3886
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3886 Datasheet(HTML) 210 Page - Renesas Technology Corp

Back Button 3886 Datasheet HTML 206Page - Renesas Technology Corp 3886 Datasheet HTML 207Page - Renesas Technology Corp 3886 Datasheet HTML 208Page - Renesas Technology Corp 3886 Datasheet HTML 209Page - Renesas Technology Corp 3886 Datasheet HTML 210Page - Renesas Technology Corp 3886 Datasheet HTML 211Page - Renesas Technology Corp 3886 Datasheet HTML 212Page - Renesas Technology Corp 3886 Datasheet HTML 213Page - Renesas Technology Corp 3886 Datasheet HTML 214Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 210 / 380 page
background image
3886 Group User’s Manual
APPLICATION
2-93
2.5 Multi-master I2C-BUS interface
➃ Reception of lower data
Confirm correct completion of communication at ➂ before receiving the lower data. After confirming
correct completion, clear the ACK bit (bit 6 of address 001616) to “0”, in which ACK is returned,
and set to the master receive mode. After that, write dummy data to the I2C data shift register
(address 001216).
When the MST bit (bit 7 of address 001416) is “0”, perform the error process explained as follows
and return to the process ➀.
When the last received bit (LRB bit; bit 0 of address 001416) is “1”, generate the STOP condition
and make the bus release, because the slave device specified on the I2C-BUS does not exist.
Fig. 2.5.22 Reception process of lower data
1(STOP condition)
AL (address 1416), bit 3 ?
MST (address 1416), bit 7 ?
0(ACK)
1(master)
S2(address 1616)
← 100001012
LRB (address 1416), bit0 ?
0(slave)
1(NACK)
1(detected)
0(not detected)
End
Re-transmission preparation
Error processing
S1(address 1416)
←101000002
S0(address 1216)
← 111111112
PIN (address 1416), bit 4 ?
0(transmission of RESTART
condition)
• Master receive mode set
4
Stop condition output
• Judgment of bus hold
• Judgment of arbitration lost detection
• ACK confirmation
• “ACK clock is used” select and
“ACK is returned” set
• Judgment of slave mode detection
• Dummy data to I2C data shift register write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com