Electronic Components Datasheet Search
  English  ▼

X  

AT91SAM9G20 Datasheet(PDF) 73 Page - ATMEL Corporation

Part # AT91SAM9G20
Description  AT91 ARM Thumb Microcontrollers
PDF  832 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM9G20 Datasheet(HTML) 73 Page - ATMEL Corporation

Back Button AT91SAM9G20 Datasheet HTML 69Page - ATMEL Corporation AT91SAM9G20 Datasheet HTML 70Page - ATMEL Corporation AT91SAM9G20 Datasheet HTML 71Page - ATMEL Corporation AT91SAM9G20 Datasheet HTML 72Page - ATMEL Corporation AT91SAM9G20 Datasheet HTML 73Page - ATMEL Corporation AT91SAM9G20 Datasheet HTML 74Page - ATMEL Corporation AT91SAM9G20 Datasheet HTML 75Page - ATMEL Corporation AT91SAM9G20 Datasheet HTML 76Page - ATMEL Corporation AT91SAM9G20 Datasheet HTML 77Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 832 page
background image
73
6384D–ATARM–04-May-09
AT91SAM9G20 Preliminary
13. AT91SAM9G20 Boot Program
13.1
Overview
The Boot Program integrates different programs that manage download and/or upload into the
different memories of the product.
First, it initializes the Debug Unit serial port (DBGU) and the USB High Speed Device Port.
The Boot program tries to detect SPI flash memories. The Serial Flash Boot program and Data-
Flash
® Boot program are executed. It looks for a sequence of seven valid ARM exception
vectors in a Serial Flash or DataFlash connected to the SPI. All these vectors must be B-branch
or LDR load register instructions except for the sixth vector. This vector is used to store the size
of the image to download.
If a valid sequence is found, code is downloaded into the internal SRAM. This is followed by a
remap and a jump to the first address of the SRAM.
If no valid ARM vector sequence is found, NAND Flash Boot program is then executed. The
NAND Flash Boot program looks for a sequence of seven valid ARM exception vectors. If such a
sequence is found, code is downloaded into the internal SRAM. This is followed by a remap and
a jump to the first address of the SRAM.
If no valid ARM exception vector is found, the SDCard Boot program is then executed. It looks
for a boot.bin file in the root directory of a FAT12/16/32 formatted SDCard. If such a file is found,
code is downloaded into the internal SRAM. This is followed by a remap and a jump to the first
address of the SRAM.
If the SDCard is not formatted or if boot.bin file is not found, TWI Boot program is then executed.
The TWI Boot program searches for a valid application in an EEPROM memory. If such a file is
found, code is downloaded into the internal SRAM. This is followed by a remap and a jump to
the first address of the SRAM.
If no validapplication is found, SAM-BA Boot is then executed. It waits for transactions either on
the USB device, or on the DBGU serial port.
13.2
Flow Diagram
The Boot Program implements the algorithm in Figure 13-1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com