Electronic Components Datasheet Search
  English  ▼

X  

AT91SAM9G20 Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT91SAM9G20
Description  AT91 ARM Thumb Microcontrollers
PDF  832 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM9G20 Datasheet(HTML) 3 Page - ATMEL Corporation

  AT91SAM9G20 Datasheet HTML 1Page - ATMEL Corporation AT91SAM9G20 Datasheet HTML 2Page - ATMEL Corporation AT91SAM9G20 Datasheet HTML 3Page - ATMEL Corporation AT91SAM9G20 Datasheet HTML 4Page - ATMEL Corporation AT91SAM9G20 Datasheet HTML 5Page - ATMEL Corporation AT91SAM9G20 Datasheet HTML 6Page - ATMEL Corporation AT91SAM9G20 Datasheet HTML 7Page - ATMEL Corporation AT91SAM9G20 Datasheet HTML 8Page - ATMEL Corporation AT91SAM9G20 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 832 page
background image
3
6384D–ATARM–04-May-09
AT91SAM9G20 Preliminary
1.
Description
The AT91SAM9G20 is based on the integration of an ARM926EJ-S processor with fast ROM
and RAM memories and a wide range of peripherals.
The AT91SAM9G20 embeds an Ethernet MAC, one USB Device Port, and a USB Host control-
ler. It also integrates several standard peripherals, such as the USART, SPI, TWI, Timer
Counters, Synchronous Serial Controller, ADC and MultiMedia Card Interface.
The AT91SAM9G20 is architectured on a 6-layer matrix, allowing a maximum internal bandwidth
of six 32-bit buses. It also features an External Bus Interface capable of interfacing with a wide
range of memory devices.
The AT91SAM9G20 is an enhancement of the AT91SAM9260 with the same peripheral fea-
tures. It is pin-to-pin compatible with the exception of power supply pins. Speed is increased to
reach 400 MHz on the ARM core and 133 MHz on the system bus and EBI.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com