Electronic Components Datasheet Search
  English  ▼

X  

AT91SAM9G20 Datasheet(PDF) 19 Page - ATMEL Corporation

Part # AT91SAM9G20
Description  AT91 ARM Thumb Microcontrollers
PDF  832 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM9G20 Datasheet(HTML) 19 Page - ATMEL Corporation

Back Button AT91SAM9G20 Datasheet HTML 15Page - ATMEL Corporation AT91SAM9G20 Datasheet HTML 16Page - ATMEL Corporation AT91SAM9G20 Datasheet HTML 17Page - ATMEL Corporation AT91SAM9G20 Datasheet HTML 18Page - ATMEL Corporation AT91SAM9G20 Datasheet HTML 19Page - ATMEL Corporation AT91SAM9G20 Datasheet HTML 20Page - ATMEL Corporation AT91SAM9G20 Datasheet HTML 21Page - ATMEL Corporation AT91SAM9G20 Datasheet HTML 22Page - ATMEL Corporation AT91SAM9G20 Datasheet HTML 23Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 832 page
background image
19
6384D–ATARM–04-May-09
AT91SAM9G20 Preliminary
8.
Memories
Figure 8-1.
AT91SAM9G20 Memory Mapping
16K Bytes
16K Bytes
0xFFFC 0000
16K Bytes
0xFFFC 4000
SPI1
0xFFFC C000
SPI0
16K Bytes
0xFFFC 8000
16K Bytes
16K Bytes
16K Bytes
0xFFFA 4000
TCO, TC1, TC2
0xFFFA 8000
MCI
0xFFFB 0000
0xFFFB 4000
USART0
0xFFFB C000
USART1
0xFFFA 0000
0xFFFA C000
USART2
16K Bytes
TWI
16K Bytes
16K Bytes
0xFFFB 8000
16K Bytes
16K Bytes
UDP
SSC
256M Bytes
0x1000 0000
0x0000 0000
0x0FFF FFFF
0xFFFF FFFF
0xF000 0000
0xEFFF FFFF
Address Memory Space
Internal Peripherals
Internal Memories
EBI
Chip Select 0
EBI
Chip Select 1/
SDRAMC
EBI
Chip Select 2
EBI
Chip Select 3/
NANDFlash
EBI
Chip Select 4/
Compact Flash
Slot 0
EBI
Chip Select 5/
Compact Flash
Slot 1
EBI
Chip Select 6
EBI
Chip Select 7
Undefined
(Abort)
256M Bytes
256M Bytes
256M Bytes
256M Bytes
256M Bytes
256M Bytes
256M Bytes
1,518M Bytes
0x2000 0000
0x1FFF FFFF
0x3000 0000
0x2FFF FFFF
0x4000 0000
0x3FFF FFFF
0x6FFF FFFF
0x6000 0000
0x5FFF FFFF
0x5000 0000
0x4FFF FFFF
0x7000 0000
0x7FFF FFFF
0x8000 0000
0x8FFF FFFF
0x9000 0000
256M Bytes
0xFFFF FD00
0xFFFF FC00
0xFFFF FA00
0xFFFF F800
0xFFFF F600
0xFFFF F400
0xFFFF F200
16 Bytes
256 Bytes
512 bytes
512 bytes
512 Bytes
512 Bytes
PMC
PIOC
PIOB
PIOA
DBGU
RSTC
0xFFFF F000
512 Bytes
AIC
0xFFFF EE00
512 Bytes
MATRIX
0xFFFF EC00
512 Bytes
SMC
0xFFFF FD10
16 Bytes
SHDC
0xFFFF EA00
512 Bytes
SDRAMC
0xFFFF FD20
16 Bytes
RTTC
0xFFFF FD30
16 Bytes
PITC
0xFFFF FD40
16 Bytes
WDTC
0xFFFF FD50
16 Bytes
GPBR
0xFFFF FD60
Reserved
Reserved
256M Bytes
Peripheral Mapping
Internal Memory Mapping
(1) Can be ROM, EBI_NCS0 or SRAM
depending on BMS and REMAP
Notes :
ISI
EMAC
0xFFFF C000
SYSC
Reserved
0xFFFF FFFF
System Controller Mapping
16K Bytes
0xFFFF FFFF
Reserved
0xFFFF C000
ADC
USART3
USART4
USART5
TC3, TC4, TC5
16K Bytes
16K Bytes
16K Bytes
16K Bytes
16K Bytes
0xFFFD 4000
0xFFFD 8000
0xFFFD 0000
0xFFFE 0000
0xFFFD C000
0xFFFE 4000
0xFFFF E800
ECC
512 Bytes
CCFG
0xFFFF EF10
32K Bytes
16K Bytes
0x10 8000
ROM
0x20 0000
SRAM0
0x30 0000
0x30 4000
SRAM1
0x50 4000
0x10 0000
0x20 4000
UHP
16K Bytes
16K Bytes
0x50 0000
Reserved
Reserved
Reserved
Reserved
0x0FFF FFFF
Boot Memory (1)
0x0000 0000
Reserved
0xF000 0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com