Electronic Components Datasheet Search
  English  ▼

X  

AT91SAM9G20 Datasheet(PDF) 78 Page - ATMEL Corporation

Part # AT91SAM9G20
Description  AT91 ARM Thumb Microcontrollers
PDF  832 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM9G20 Datasheet(HTML) 78 Page - ATMEL Corporation

Back Button AT91SAM9G20 Datasheet HTML 74Page - ATMEL Corporation AT91SAM9G20 Datasheet HTML 75Page - ATMEL Corporation AT91SAM9G20 Datasheet HTML 76Page - ATMEL Corporation AT91SAM9G20 Datasheet HTML 77Page - ATMEL Corporation AT91SAM9G20 Datasheet HTML 78Page - ATMEL Corporation AT91SAM9G20 Datasheet HTML 79Page - ATMEL Corporation AT91SAM9G20 Datasheet HTML 80Page - ATMEL Corporation AT91SAM9G20 Datasheet HTML 81Page - ATMEL Corporation AT91SAM9G20 Datasheet HTML 82Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 832 page
background image
78
6384D–ATARM–04-May-09
AT91SAM9G20 Preliminary
Figure 13-5. Structure of the ARM Vector 6
13.4.2.1
Example
An example of valid vectors follows:
00
ea000006
B
0x20
04
eafffffe
B
0x04
08
ea00002f
B
_main
0c
eafffffe
B
0x0c
10
eafffffe
B
0x10
14
00001234
B
0x14
<- Code size = 4660 bytes
18
eafffffe
B
0x18
The size of the image to load into SRAM is contained in the location of the sixth ARM vector.
Thus the user must replace this vector by the correct size of his/her application.
13.5
Serial Flash Boot
The Serial Flash boot looks for a valid application in the SPI Serial Flash memory.
SPI0 is configured in master mode to generate a SPCK at 8 MHz. Serial Flash shall be con-
nected to NPCS0 or NPCS1.
The Serial Flash boot reads the Serial Flash status register (Instruction code 0x05). The Serial
Flash is considered as ready if bit 0 of the returned status register is cleared.
If no Serial Flash is connected or if it does not answer, Serial Flash boot exits after 1000
attempts.
If the Serial Flash is ready, Serial Flash boot reads the first 8 words into SRAM (Instruction code
“Continuos read array” 0x0b) and checks if it corresponds to valid exception vectors according to
the Valid Image detection algorithm.
If a valid application is found, this application is loaded into internal SRAM and executed by
branching at address 0x0000_0000 after remap. This application may be the application code or
a second-level bootloader.
31
0
Size of the code to download in bytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com