Electronic Components Datasheet Search
  English  ▼

X  

AT91SAM9G20 Datasheet(PDF) 91 Page - ATMEL Corporation

Part # AT91SAM9G20
Description  AT91 ARM Thumb Microcontrollers
PDF  832 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM9G20 Datasheet(HTML) 91 Page - ATMEL Corporation

Back Button AT91SAM9G20 Datasheet HTML 87Page - ATMEL Corporation AT91SAM9G20 Datasheet HTML 88Page - ATMEL Corporation AT91SAM9G20 Datasheet HTML 89Page - ATMEL Corporation AT91SAM9G20 Datasheet HTML 90Page - ATMEL Corporation AT91SAM9G20 Datasheet HTML 91Page - ATMEL Corporation AT91SAM9G20 Datasheet HTML 92Page - ATMEL Corporation AT91SAM9G20 Datasheet HTML 93Page - ATMEL Corporation AT91SAM9G20 Datasheet HTML 94Page - ATMEL Corporation AT91SAM9G20 Datasheet HTML 95Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 832 page
background image
91
6384D–ATARM–04-May-09
AT91SAM9G20 Preliminary
14.3.4.2
Wake-up Reset
The Wake-up Reset occurs when the Main Supply is down. When the Main Supply POR output
is active, all the reset signals are asserted except backup_nreset. When the Main Supply pow-
ers up, the POR output is resynchronized on Slow Clock. The processor clock is then re-enabled
during 3 Slow Clock cycles, depending on the requirements of the ARM processor.
At the end of this delay, the processor and other reset signals rise. The field RSTTYP in
RSTC_SR is updated to report a Wake-up Reset.
The “nrst_out” remains asserted for EXTERNAL_RESET_LENGTH cycles. As RSTC_MR is
backed-up, the programmed number of cycles is applicable.
When the Main Supply is detected falling, the reset signals are immediately asserted. This tran-
sition is synchronous with the output of the Main Supply POR.
Figure 14-5. Wake-up State
14.3.4.3
User Reset
The User Reset is entered when a low level is detected on the NRST pin and the bit URSTEN in
RSTC_MR is at 1. The NRST input signal is resynchronized with SLCK to insure proper behav-
ior of the system.
The User Reset is entered as soon as a low level is detected on NRST. The Processor Reset
and the Peripheral Reset are asserted.
The User Reset is left when NRST rises, after a two-cycle resynchronization time and a 3-cycle
processor startup. The processor clock is re-enabled as soon as NRST is confirmed high.
SLCK
periph_nreset
proc_nreset
Main Supply
POR output
NRST
(nrst_out)
EXTERNAL RESET LENGTH
= 4 cycles (ERSTL = 1)
MCK
Processor Startup
= 3 cycles
backup_nreset
Any
Freq.
Resynch.
2 cycles
RSTTYP
XXX
0x1 = WakeUp Reset
XXX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com