Electronic Components Datasheet Search
  English  ▼

X  

AT91SAM9G20 Datasheet(PDF) 21 Page - ATMEL Corporation

Part # AT91SAM9G20
Description  AT91 ARM Thumb Microcontrollers
PDF  832 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM9G20 Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button AT91SAM9G20 Datasheet HTML 17Page - ATMEL Corporation AT91SAM9G20 Datasheet HTML 18Page - ATMEL Corporation AT91SAM9G20 Datasheet HTML 19Page - ATMEL Corporation AT91SAM9G20 Datasheet HTML 20Page - ATMEL Corporation AT91SAM9G20 Datasheet HTML 21Page - ATMEL Corporation AT91SAM9G20 Datasheet HTML 22Page - ATMEL Corporation AT91SAM9G20 Datasheet HTML 23Page - ATMEL Corporation AT91SAM9G20 Datasheet HTML 24Page - ATMEL Corporation AT91SAM9G20 Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 832 page
background image
21
6384D–ATARM–04-May-09
AT91SAM9G20 Preliminary
When REMAP = 0, BMS allows the user to lay out to 0x0, at his convenience, the ROM or an
external memory. This is done via hardware at reset.
Note:
Memory blocks not affected by these parameters can always be seen at their specified base
addresses. See the complete memory map presented in Figure 8-1 on page 19.
The AT91SAM9G20 matrix manages a boot memory that depends on the level on the BMS pin
at reset. The internal memory area mapped between address 0x0 and 0x000F FFFF is reserved
for this purpose.
If BMS is detected at 1, the boot memory is the embedded ROM.
If BMS is detected at 0, the boot memory is the memory connected on the Chip Select 0 of the
External Bus Interface.
8.1.1.1
BMS = 1, Boot on Embedded ROM
The system boots using the Boot Program.
• Boot on slow clock (On-chip RC or 32,768 Hz)
• Auto baudrate detection
• Downloads and runs an application from external storage media into internal SRAM
• Downloaded code size depends on embedded SRAM size
• Automatic detection of valid application
• Bootloader on a non-volatile memory
– SDCard (boot ROM does not support high capacity SDCards.)
–NAND Flash
– SPI DataFlash® and Serial Flash connected on NPCS0 and NPCS1 of the SPI0
– EEPROM on TWI
• SAM-BA
® Boot in case no valid program is detected in external NVM, supporting
– Serial communication on a DBGU
– USB Device HS Port
8.1.1.2
BMS = 0, Boot on External Memory
• Boot on slow clock (On-chip RC or 32,768 Hz)
• Boot with the default configuration for the Static Memory Controller, byte select mode, 16-bit
data bus, Read/Write controlled by Chip Select, allows boot on 16-bit non-volatile memory.
The customer-programmed software must perform a complete configuration.
To speed up the boot sequence when booting at 32 kHz EBI CS0 (BMS=0), the user must take
the following steps:
1.
Program the PMC (main oscillator enable or bypass mode).
2.
Program and start the PLL.
3.
Reprogram the SMC setup, cycle, hold, mode timings registers for CS0 to adapt them
to the new clock.
4.
Switch the main clock to the new value.
8.2
External Memories
The external memories are accessed through the External Bus Interface. Each Chip Select line
has a 256-Mbyte memory area assigned.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com