Electronic Components Datasheet Search
  English  ▼

X  

AT91SAM9G20 Datasheet(PDF) 18 Page - ATMEL Corporation

Part # AT91SAM9G20
Description  AT91 ARM Thumb Microcontrollers
PDF  832 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM9G20 Datasheet(HTML) 18 Page - ATMEL Corporation

Back Button AT91SAM9G20 Datasheet HTML 14Page - ATMEL Corporation AT91SAM9G20 Datasheet HTML 15Page - ATMEL Corporation AT91SAM9G20 Datasheet HTML 16Page - ATMEL Corporation AT91SAM9G20 Datasheet HTML 17Page - ATMEL Corporation AT91SAM9G20 Datasheet HTML 18Page - ATMEL Corporation AT91SAM9G20 Datasheet HTML 19Page - ATMEL Corporation AT91SAM9G20 Datasheet HTML 20Page - ATMEL Corporation AT91SAM9G20 Datasheet HTML 21Page - ATMEL Corporation AT91SAM9G20 Datasheet HTML 22Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 832 page
background image
18
6384D–ATARM–04-May-09
AT91SAM9G20 Preliminary
– USART4 Transmit Channel
– USART3 Transmit Channel
– USART2 Transmit Channel
– USART1 Transmit Channel
– USART0 Transmit Channel
– SPI1 Transmit Channel
– SPI0 Transmit Channel
– SSC Transmit Channel
– TWI Receive Channel
– DBGU Receive Channel
– USART5 Receive Channel
– USART4 Receive Channel
– USART3 Receive Channel
– USART2 Receive Channel
– USART1 Receive Channel
– USART0 Receive Channel
– ADC Receive Channel
– SPI1 Receive Channel
– SPI0 Receive Channel
– SSC Receive Channel
– MCI Transmit/Receive Channel
7.4
Debug and Test Features
• ARM926 Real-time In-circuit Emulator
– Two real-time Watchpoint Units
– Two Independent Registers: Debug Control Register and Debug Status Register
– Test Access Port Accessible through JTAG Protocol
– Debug Communications Channel
• Debug Unit
–Two-pin UART
– Debug Communication Channel Interrupt Handling
– Chip ID Register
• IEEE1149.1 JTAG Boundary-scan on All Digital Pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com