Electronic Components Datasheet Search
  English  ▼

X  

AT91SAM9G20 Datasheet(PDF) 12 Page - ATMEL Corporation

Part # AT91SAM9G20
Description  AT91 ARM Thumb Microcontrollers
PDF  832 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM9G20 Datasheet(HTML) 12 Page - ATMEL Corporation

Back Button AT91SAM9G20 Datasheet HTML 8Page - ATMEL Corporation AT91SAM9G20 Datasheet HTML 9Page - ATMEL Corporation AT91SAM9G20 Datasheet HTML 10Page - ATMEL Corporation AT91SAM9G20 Datasheet HTML 11Page - ATMEL Corporation AT91SAM9G20 Datasheet HTML 12Page - ATMEL Corporation AT91SAM9G20 Datasheet HTML 13Page - ATMEL Corporation AT91SAM9G20 Datasheet HTML 14Page - ATMEL Corporation AT91SAM9G20 Datasheet HTML 15Page - ATMEL Corporation AT91SAM9G20 Datasheet HTML 16Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 832 page
background image
12
6384D–ATARM–04-May-09
AT91SAM9G20 Preliminary
4.4
247-ball TFBGA Package Pinout
Table 4-2.
Pinout for 247-ball TFBGA Package
Pin
Signal Name
Pin
Signal Name
Pin
Signal Name
Pin
Signal Name
A1
D13
F7
CFIOR/NBS1/NWR1
K10
GND
P17
RTCK
A2
D12
F8
SDA10
K11
VDDIOM
P18
PB16
A12
A9
F9
NBS0/A0
K12
GND
R2
GND
A14
A13
F10
A6
K13
GND
R3
PB29
A16
A20
F11
A12
K14
XOUT32
R5
PB26
A18
A22
F12
A15
K15
XIN32
R6
PB27
A19
NANDOE
F13
BA1/A17
K17
HDPA
R7
PA5
B1
D15
F14
PC10
K18
HDMA
R8
GND
B2
D14
F15
PC14
L2
NC
R9
PA12
B3
D10
F16
VDDUSB
L3
NC
R10
GND
B4
D9
F17
PC9
L5
ADVREF
R11
PA19
B5
D7
F18
PC12
L6
PC2
R12
PA26
B6
D3
G2
PC26
L7
GND
R13
PB1
B7
D2
G3
PC25
L8
GND
R14
GND
B8
RAS
G5
PC24
L9
GND
R15
PB7
B9
CAS
G6
PC21
L10
GND
R17
PB14
B10
NWR2/NBS2/A1
G8
VDDCORE
L11
VDDCORE
R18
PB9
B11
A3
G9
A5
L12
GND
T2
PA1
B13
A10
G10
VDDCORE
L13
OSCSEL
T3
PB10
B15
A18
G11
VDDCORE
L14
GNDBU
T17
PB19
B17
A21
G12
VDDCORE
L15
GND
T18
PB17
B19
VDDUSB
G14
PC13
L17
NRST
U2
GNDANA
C2
PC15
G15
GND
L18
TCK
U3
PB21
C3
D11
G17
GNDUSB
M2
PC0
U4
PB28
C4
D8
G18
PC11
M3
PC1
U5
PB31
C5
SDCKE
H2
PC31
M5
PC3
U6
PA4
C6
SDWE
H3
PC30
M6
NTRST
U7
PA3
C7
SDCK
H5
PC28
M7
GND
U8
PA9
C8
D1
H6
PC27
M8
GND
U9
GND
C9
SDCS/NCS1
H7
PC29
M9
GND
U10
PA15
C10A2
H8
GND
M10PA16
U11
PA21
C11
A7
H9
GND
M11
VDDCORE
U12
PA25
C12
A11
H10
VDDIOM
M12
GND
U13
PA29
C14
A19
H11
VDDIOM
M13
VDDIOP
U14
PA27
C16
GNDUSB
H12
GND
M14
TST
U15
PA31
C18
CFWE/NWE/NWR0
H13
VDDCORE
M15
JTAGSEL
U16
GND
D2
PC17
H14
SHDW
M17
PB18
U17
PB2
D3
PC16
H15
VDDBU
M18
TMS
U18
GND
D13
A14
H17
HDPB
N2
PB20
V1
PB12
D15
NANDWE
H18
HDMB
N3
PB13
V2
PB23
D17
CFOE/NRD
J2
VDDOSC
N5
PB11
V3
PB30
D19
NCS0
J3
VDDPLL
N6
BMS
V4
PA2
E2
PC18
J5
XOUT
N8
GND
V5
PA8
E3
PC19
J6
XIN
N11
PA17
V6
PA10
E5
D6
J7
VDDPLL
N12
PA23
V7
PA13
E6
D5
J8
GND
N14
GND
V8
VDDIOP
E7
D0
J9
VDDIOM
N15
VDDIOP
V9
PA14
E8
CFIOW/NBS3/NWR3
J10
VDDIOM
N17
TDO
V10
VDDIOP
E9
GND
J11
VDDIOM
N18
TDI
V11
PA20
E10
A4
J12
GND
P2
PB24
V12
PA22
E11
A8
J13
GND
P3
PB22
V13
VDDIOP
E12
VDDIOM
J14
WKUP
P5
GND
V14
PA30
E13
BA0/A16
J15
DDP
P6
GND
V15
PB0
E14
PC8
J17
DDM
P7
PA6
V16
GND
E15
PC4
J18
VDDIOP
P8
PA7
V17
PB4
E16
PC5
K2
GNDPLL
P9
PA11
V18
GND
E18
PC7
K3
GND
P10
GND
V19
PB6
E19
PC6
K5
NC
P11
PA18
W1
PB25
F2
PC22
K6
GNDPLL
P12
PA24
W2
PA0
F3
PC23
K7
VDDANA
P13
PA28
W18
PB8
F5
PC20
K8
GND
P14
PB3
W19
PB15
F6
D4
K9
GND
P15
PB5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com