Electronic Components Datasheet Search
  English  ▼

X  

AT91SAM9G20 Datasheet(PDF) 9 Page - ATMEL Corporation

Part # AT91SAM9G20
Description  AT91 ARM Thumb Microcontrollers
PDF  832 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM9G20 Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button AT91SAM9G20 Datasheet HTML 5Page - ATMEL Corporation AT91SAM9G20 Datasheet HTML 6Page - ATMEL Corporation AT91SAM9G20 Datasheet HTML 7Page - ATMEL Corporation AT91SAM9G20 Datasheet HTML 8Page - ATMEL Corporation AT91SAM9G20 Datasheet HTML 9Page - ATMEL Corporation AT91SAM9G20 Datasheet HTML 10Page - ATMEL Corporation AT91SAM9G20 Datasheet HTML 11Page - ATMEL Corporation AT91SAM9G20 Datasheet HTML 12Page - ATMEL Corporation AT91SAM9G20 Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 832 page
background image
9
6384D–ATARM–04-May-09
AT91SAM9G20 Preliminary
Note:
No PLLRCA line present on the AT91SAM9G20.
4.
Package and Pinout
• The AT91SAM9G20 is available in a 217-ball, 15 x 15 mm, LFBGA package (0.8 mm pitch)
(Figure 4-1).
• The AT91SAM9G20 is available in a 247-ball, 10 x 10 x 1.1 mm, TFBGA Green package, (0.5
mm pitch) (Figure 4-1).
4.1
217-ball LFBGA Package Outline
Figure 4-1 shows the orientation of the 217-ball LFBGA package.
A detailed mechanical description is given in the section “AT91SAM9G20 Mechanical Charac-
teristics” of the product datasheet.
Figure 4-1.
217-ball LFBGA Package (Top View)
Image Sensor Interface
ISI_D0-ISI_D11
Image Sensor Data
Input
ISI_MCK
Image Sensor Reference Clock
Output
ISI_HSYNC
Image Sensor Horizontal Synchro
Input
ISI_VSYNC
Image Sensor Vertical Synchro
Input
ISI_PCK
Image Sensor Data clock
Input
Analog to Digital Converter
AD0-AD3
Analog Inputs
Analog
Digital pulled-up inputs at reset
ADVREF
Analog Positive Reference
Analog
ADTRG
ADC Trigger
Input
Table 3-1.
Signal Description List (Continued)
Signal Name
Function
Type
Active
Level
Comments
12
1
2
3
4
5
6
7
8
9
10
11
13
14
15
16
17
AB C D E F G H J K L M N P RTU
Ball A1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com