Electronic Components Datasheet Search
  English  ▼

X  

AT91SAM9G20 Datasheet(PDF) 14 Page - ATMEL Corporation

Part # AT91SAM9G20
Description  AT91 ARM Thumb Microcontrollers
PDF  832 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM9G20 Datasheet(HTML) 14 Page - ATMEL Corporation

Back Button AT91SAM9G20 Datasheet HTML 10Page - ATMEL Corporation AT91SAM9G20 Datasheet HTML 11Page - ATMEL Corporation AT91SAM9G20 Datasheet HTML 12Page - ATMEL Corporation AT91SAM9G20 Datasheet HTML 13Page - ATMEL Corporation AT91SAM9G20 Datasheet HTML 14Page - ATMEL Corporation AT91SAM9G20 Datasheet HTML 15Page - ATMEL Corporation AT91SAM9G20 Datasheet HTML 16Page - ATMEL Corporation AT91SAM9G20 Datasheet HTML 17Page - ATMEL Corporation AT91SAM9G20 Datasheet HTML 18Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 832 page
background image
14
6384D–ATARM–04-May-09
AT91SAM9G20 Preliminary
6.
I/O Line Considerations
6.1
JTAG Port Pins
TMS, TDI and TCK are schmitt trigger inputs and have no pull-up resistors.
TDO and RTCK are outputs, driven at up to VDDIOP, and have no pull-up resistor.
The JTAGSEL pin is used to select the JTAG boundary scan when asserted at a high level. It
integrates a permanent pull-down resistor of about 15 k
Ω to GND, so that it can be left uncon-
nected for normal operations.
The NTRST signal is described in the Reset Pins paragraph.
All the JTAG signals are supplied with VDDIOP.
6.2
Test Pin
The TST pin is used for manufacturing test purposes when asserted high. It integrates a perma-
nent pull-down resistor of about 15 k
Ω to GNDBU, so that it can be left unconnected for normal
operations. Driving this line at a high level leads to unpredictable results.
This pin is supplied with VDDBU.
6.3
Reset Pins
NRST is an open-drain output integrating a non-programmable pull-up resistor. It can be driven
with voltage at up to VDDIOP.
NTRST is an input which allows reset of the JTAG Test Access port. It has no action on the
processor.
As the product integrates power-on reset cells, which manages the processor and the JTAG
reset, the NRST and NTRST pins can be left unconnected.
The NRST and NTRST pins both integrate a permanent pull-up resistor of 100 k
Ω minimum to
VDDIOP.
The NRST signal is inserted in the Boundary Scan.
6.4
PIO Controllers
All the I/O lines are Schmitt trigger inputs and all the lines managed by the PIO Controllers inte-
grate a programmable pull-up resistor of 75 k
Ωtypical with the exception of P4 - P31. For details,
refer to the section “AT91SAM9G20 Electrical Characteristics”. Programming of this pull-up
resistor is performed independently for each I/O line through the PIO Controllers.
6.5
I/O Line Drive Levels
The PIO lines drive current capability is described in the DC Characteristics section of the prod-
uct datasheet.
6.6
Shutdown Logic Pins
The SHDN pin is a tri-state output only pin, which is driven by the Shutdown Controller. There is
no internal pull-up. An external pull-up to VDDBU is needed and its value must be higher than
1M
Ω. The resistor value is calculated according to the regulator enable implementation and the
SHDN level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com