Electronic Components Datasheet Search
  English  ▼

X  

AT91SAM9G20 Datasheet(PDF) 86 Page - ATMEL Corporation

Part # AT91SAM9G20
Description  AT91 ARM Thumb Microcontrollers
PDF  832 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM9G20 Datasheet(HTML) 86 Page - ATMEL Corporation

Back Button AT91SAM9G20 Datasheet HTML 82Page - ATMEL Corporation AT91SAM9G20 Datasheet HTML 83Page - ATMEL Corporation AT91SAM9G20 Datasheet HTML 84Page - ATMEL Corporation AT91SAM9G20 Datasheet HTML 85Page - ATMEL Corporation AT91SAM9G20 Datasheet HTML 86Page - ATMEL Corporation AT91SAM9G20 Datasheet HTML 87Page - ATMEL Corporation AT91SAM9G20 Datasheet HTML 88Page - ATMEL Corporation AT91SAM9G20 Datasheet HTML 89Page - ATMEL Corporation AT91SAM9G20 Datasheet HTML 90Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 832 page
background image
86
6384D–ATARM–04-May-09
AT91SAM9G20 Preliminary
13.11 Hardware and Software Constraints
• The DataFlash, Serial Flash, NAND Flash, SDCard(1), and EEPROM downloaded code size
must be inferior to 16K bytes.
• The code is always downloaded from the device address 0x0000_0000 to the address
0x0000_0000 of the internal SRAM (after remap).
• The downloaded code must be position-independent or linked at address 0x0000_0000.
• The DataFlash must be connected to NPCS0 of the SPI.
Note:
1. Boot ROM does not support high capacity SDCards.
The SPI and NAND Flash drivers use several PIOs in alternate functions to communicate with
devices. Care must be taken when these PIOs are used by the application. The devices con-
nected could be unintentionally driven at boot time, and electrical conflicts between SPI output
pins and the connected devices may appear.
To assure correct functionality, it is recommended to plug in critical devices to other pins.
Table 13-8 contains a list of pins that are driven during the boot program execution. These pins
are driven during the boot sequence for a period of less than 1 second if no correct boot program
is found.
Before performing the jump to the application in internal SRAM, all the PIOs and peripherals
used in the boot program are set to their reset state.
Table 13-8.
Pins Driven during Boot Program Execution
Peripheral
Pin
PIO Line
SPI0
MOSI
PIOA1
SPI0
MISO
PIOA0
SPI0
SPCK
PIOA2
SPI0
NPCS0
PIOA3
SPI0
NPCS1
PIOC11
PIOC
NANDCS
PIOC14
Address Bus
NAND CLE
A22
Address Bus
NAND ALE
A21
MCI0
MCDA0
PIOA6
MCI0
MCCDA
PIOA7
MCI0
MCCK
PIOA8
MCI0
MCDA1
PIOA9
MCI0
MCDA2
PIOA10
MCI0
MCDA3
PIOA11
TWI
TWCK
PIOA24
TWI
TWD
PIOA23
DBGU
DRXD
PIOB14
DBGU
DTXD
PIOB15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com