Electronic Components Datasheet Search
  English  ▼

X  

AT91SAM9G20 Datasheet(PDF) 27 Page - ATMEL Corporation

Part # AT91SAM9G20
Description  AT91 ARM Thumb Microcontrollers
PDF  832 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM9G20 Datasheet(HTML) 27 Page - ATMEL Corporation

Back Button AT91SAM9G20 Datasheet HTML 23Page - ATMEL Corporation AT91SAM9G20 Datasheet HTML 24Page - ATMEL Corporation AT91SAM9G20 Datasheet HTML 25Page - ATMEL Corporation AT91SAM9G20 Datasheet HTML 26Page - ATMEL Corporation AT91SAM9G20 Datasheet HTML 27Page - ATMEL Corporation AT91SAM9G20 Datasheet HTML 28Page - ATMEL Corporation AT91SAM9G20 Datasheet HTML 29Page - ATMEL Corporation AT91SAM9G20 Datasheet HTML 30Page - ATMEL Corporation AT91SAM9G20 Datasheet HTML 31Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 832 page
background image
27
6384D–ATARM–04-May-09
AT91SAM9G20 Preliminary
Figure 9-3.
AT91SAM9G20 Power Management Controller Block Diagram
9.6
Periodic Interval Timer
• Includes a 20-bit Periodic Counter, with less than 1 µs accuracy
• Includes a 12-bit Interval Overlay Counter
• Real Time OS or Linux®/Windows CE® compliant tick generator
9.7
Watchdog Timer
• 16-bit key-protected only-once-Programmable Counter
• Windowed, prevents the processor being in a dead-lock on the watchdog access
9.8
Real-time Timer
• Real-time Timer 32-bit free-running back-up Counter
• Integrates a 16-bit programmable prescaler running on slow clock
• Alarm Register capable of generating a wake-up of the system through the Shutdown
Controller
9.9
General-purpose Back-up Registers
• Four 32-bit backup general-purpose registers
9.10
Advanced Interrupt Controller
• Controls the interrupt lines (nIRQ and nFIQ) of the ARM Processor
• Thirty-two individually maskable and vectored interrupt sources
MCK
periph_clk[..]
int
SLCK
MAINCK
PLLACK
Prescaler
/1,/2,/4,.../64
PCK
Processor
Clock
Controller
Idle Mode
Master Clock Controller
Peripherals
Clock Controller
ON/OFF
PLLBCK
Divider
/1,/2,/4,/6
USB Clock Controller
SLCK
MAINCK
PLLACK
Prescaler
/1,/2,/4,...,/64
Programmable Clock Controller
PLLBCK
Divider
/1,/2,/4
pck[..]
PLLBCK
UDPCK
ON/OFF
ON/OFF
/1,/2
Divider



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com