| Electronic Components Datasheet Search |
|
AT91SAM9G20 Datasheet(PDF) 39 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT91SAM9G20 Datasheet(HTML) 39 Page - ATMEL Corporation |
|
39 / 832 page ![]() 39 6384D–ATARM–04-May-09 AT91SAM9G20 Preliminary 11. ARM926EJ-S Processor Overview 11.1 Overview The ARM926EJ-S processor is a member of the ARM9™ family of general-purpose microproces- sors. The ARM926EJ-S implements ARM architecture version 5TEJ and is targeted at multi- tasking applications where full memory management, high performance, low die size and low power are all important features. The ARM926EJ-S processor supports the 32-bit ARM and 16-bit THUMB instruction sets, enabling the user to trade off between high performance and high code density. It also supports 8-bit Java instruction set and includes features for efficient execution of Java bytecode, provid- ing a Java performance similar to a JIT (Just-In-Time compilers), for the next generation of Java- powered wireless and embedded devices. It includes an enhanced multiplier design for improved DSP performance. The ARM926EJ-S processor supports the ARM debug architecture and includes logic to assist in both hardware and software debug. The ARM926EJ-S provides a complete high performance processor subsystem, including: • an ARM9EJ-S ™ integer core • a Memory Management Unit (MMU) • separate instruction and data AMBA AHB bus interfaces • separate instruction and data TCM interfaces |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |