Electronic Components Datasheet Search
  English  ▼

X  

AT91SAM9G20 Datasheet(PDF) 75 Page - ATMEL Corporation

Part # AT91SAM9G20
Description  AT91 ARM Thumb Microcontrollers
PDF  832 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM9G20 Datasheet(HTML) 75 Page - ATMEL Corporation

Back Button AT91SAM9G20 Datasheet HTML 71Page - ATMEL Corporation AT91SAM9G20 Datasheet HTML 72Page - ATMEL Corporation AT91SAM9G20 Datasheet HTML 73Page - ATMEL Corporation AT91SAM9G20 Datasheet HTML 74Page - ATMEL Corporation AT91SAM9G20 Datasheet HTML 75Page - ATMEL Corporation AT91SAM9G20 Datasheet HTML 76Page - ATMEL Corporation AT91SAM9G20 Datasheet HTML 77Page - ATMEL Corporation AT91SAM9G20 Datasheet HTML 78Page - ATMEL Corporation AT91SAM9G20 Datasheet HTML 79Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 832 page
background image
75
6384D–ATARM–04-May-09
AT91SAM9G20 Preliminary
13.3
Device Initialization
Initialization follows the steps described below:
1.
Stack setup for ARM supervisor mode
2.
Main Oscillator Frequency Detection
3.
C variable initialization
4.
PLL setup: PLLB is initialized to generate a 48 MHz clock necessary to use the USB
Device. A register located in the Power Management Controller (PMC) determines the
frequency of the main oscillator and thus the correct factor for the PLLB.
– If internal RC Oscillator is used (OSCSEL = 0) and Main Oscillator is active, TTable
13-1 defines the crystals supported by the Boot Program when using the internal RC
oscillator. als supported by the Boot Program.
Note:
Any other crystal can be used but it prevents using the USB.
– If internal RC Oscillator is used (OSCSEL = 0) and Main Oscillator is bypassed,
Table 13-2 defines the frequencies supported by the Boot Program when bypass-ing
main oscillator. .
Note:
Any other crystal can be used but it prevents using the USB.
– If an external 32768 Hz Oscillator is used (OSCSEL = 1), defines the crystals
supported by the Boot Program. Table 13-3 defines the crystals supported by the
Boot Program.
Note:
Booting either on USB or on DBGU is possible with any of these input frequencies.
Table 13-1.
Crystals Supported by Software Auto-Detection (MHz)
3.0
8.0
18.432
Other
Boot in DBGU
Yes
Yes
Yes
Yes
Boot on USB
Yes
Yes
Yes
No
Table 13-2.
Crystals Supported by Software Auto-Detection (MHz)
3.0
8.0
20
50
Other
Boot in DBGU
Yes
Yes
Yes
Yes
Yes
Boot on USB
Yes
Yes
Yes
Yes
No
Table 13-3.
Crystals Supported by Software Auto-Detection (MHz)
3.0
3.2768
3.6864
3.84
4.0
4.433619
4.608
4.9152
5.0
5.24288
6.0
6.144
6.4
6.5536
7.159090
7.3728
7.864320
8.0
9.8304
10.0
11.05920
12.0
12.288
13.56
14.31818
14.7456
16.0
17.734470
18.432
20.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com