Electronic Components Datasheet Search
  English  ▼

X  

AT91SAM9G20 Datasheet(PDF) 13 Page - ATMEL Corporation

Part # AT91SAM9G20
Description  AT91 ARM Thumb Microcontrollers
PDF  832 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM9G20 Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button AT91SAM9G20 Datasheet HTML 9Page - ATMEL Corporation AT91SAM9G20 Datasheet HTML 10Page - ATMEL Corporation AT91SAM9G20 Datasheet HTML 11Page - ATMEL Corporation AT91SAM9G20 Datasheet HTML 12Page - ATMEL Corporation AT91SAM9G20 Datasheet HTML 13Page - ATMEL Corporation AT91SAM9G20 Datasheet HTML 14Page - ATMEL Corporation AT91SAM9G20 Datasheet HTML 15Page - ATMEL Corporation AT91SAM9G20 Datasheet HTML 16Page - ATMEL Corporation AT91SAM9G20 Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 832 page
background image
13
6384D–ATARM–04-May-09
AT91SAM9G20 Preliminary
5.
Power Considerations
5.1
Power Supplies
The AT91SAM9G20 has several types of power supply pins:
• VDDCORE pins: Power the core, including the processor, the embedded memories and the
peripherals; voltage ranges from 0.9V to 1.1V, 1.0V nominal.
• VDDIOM pins: Power the External Bus Interface I/O lines; voltage ranges between 1.65V and
1.95V (1.8V typical) or between 3.0V and 3.6V (3.3V nominal). The voltage range is
selectable by software.
• VDDIOP pins: Power the Peripherals I/O lines; voltage ranges from 1.65V to 3.6V.
• VDDBU pin: Powers the Slow Clock oscillator, the internal RC oscillator and a part of the
System Controller; voltage ranges from 0.9V to 1.1V, 1.0V nominal.
• VDDPLL pin: Powers the PLL cells; voltage ranges from 0.9V to 1.1V.
• VDDOSC pin: Powers the Main Oscillator cells; voltage ranges from 1.65V to 3.6V
• VDDANA pin: Powers the Analog to Digital Converter; voltage ranges from 3.0V to 3.6V, 3.3V
nominal.
• VDDUSB pin: Powers USB transceiver; voltage ranges from 3.0V to 3.6V.
Ground pins GND are common to VDDCORE, VDDIOM, VDDOSC and VDDIOP pins power
supplies. Separated ground pins are provided for VDDBU, VDDPLL, VDDUSB and VDDANA.
These ground pins are respectively GNDBU, GNDPLL, GNDUSB and GNDANA.
5.2
Power Consumption
The AT91SAM9G20 consumes about 4 mA of static current on VDDCORE at 25°C. This static
current rises at up to 18 mA if the temperature increases to 85°C.
On VDDBU, the current does not exceed 9 µA at 25°C. This static current rises at up to 18 µA if
the temperature increases to 85°C.
For dynamic power consumption, the AT91SAM9G20 consumes a maximum of 50 mA on
VDDCORE at maximum conditions (1.0V, 25°C, rises to 80mA at 85°C, processor running full-
performance algorithm out of high-speed memories).
5.3
Programmable I/O Lines
The power supplies pins VDDIOM accept two voltage ranges. This allows the device to reach its
maximum speed either out of 1.8V or 3.3V external memories.
The maximum speed is 133 MHz on the pin SDCK (SDRAM Clock) loaded with 10 pF. The other
signals (control, address and data signals) do not go over 66 MHz, loaded with 30 pF for power
supply at 1.8V and 50 pF for power supply at 3.3V.
The EBI I/Os accept two slew rate modes, Fast and Slow. This allows to adapt the rising and fall-
ing time on SDRAM clock, control and data to the bus load.
The voltage ranges and the slew rates are determined by programming VDDIOMSEL and IOSR
bits in the Chip Configuration registers located in the Matrix User Interface.
At reset, the selected voltage defaults to 3.3V nominal and power supply pins can accept either
1.8V or 3.3V. The user must make sure to program the EBI voltage range before getting the
device out of its Slow Clock Mode.
At reset, the selected slew rates defaults are Fast.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com