Electronic Components Datasheet Search
  English  ▼

X  

AT91SAM9G20 Datasheet(PDF) 22 Page - ATMEL Corporation

Part # AT91SAM9G20
Description  AT91 ARM Thumb Microcontrollers
PDF  832 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM9G20 Datasheet(HTML) 22 Page - ATMEL Corporation

Back Button AT91SAM9G20 Datasheet HTML 18Page - ATMEL Corporation AT91SAM9G20 Datasheet HTML 19Page - ATMEL Corporation AT91SAM9G20 Datasheet HTML 20Page - ATMEL Corporation AT91SAM9G20 Datasheet HTML 21Page - ATMEL Corporation AT91SAM9G20 Datasheet HTML 22Page - ATMEL Corporation AT91SAM9G20 Datasheet HTML 23Page - ATMEL Corporation AT91SAM9G20 Datasheet HTML 24Page - ATMEL Corporation AT91SAM9G20 Datasheet HTML 25Page - ATMEL Corporation AT91SAM9G20 Datasheet HTML 26Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 832 page
background image
22
6384D–ATARM–04-May-09
AT91SAM9G20 Preliminary
Refer to the memory map in Figure 8-1 on page 19.
8.2.1
External Bus Interface
• Integrates three External Memory Controllers
– Static Memory Controller
– SDRAM Controller
– ECC Controller
• Additional logic for NAND Flash
• Full 32-bit External Data Bus
• Up to 26-bit Address Bus (up to 64MBytes linear)
• Up to 8 chip selects, Configurable Assignment:
– Static Memory Controller on NCS0
– SDRAM Controller or Static Memory Controller on NCS1
– Static Memory Controller on NCS2
– Static Memory Controller on NCS3, Optional NAND Flash support
– Static Memory Controller on NCS4 - NCS5, Optional CompactFlash support
– Static Memory Controller on NCS6-NCS7
8.2.2
Static Memory Controller
• 8-, 16- or 32-bit Data Bus
• Multiple Access Modes supported
– Byte Write or Byte Select Lines
– Asynchronous read in Page Mode supported (4- up to 32-byte page size)
• Multiple device adaptability
– Compliant with LCD Module
– Control signals programmable setup, pulse and hold time for each Memory Bank
• Multiple Wait State Management
– Programmable Wait State Generation
– External Wait Request
– Programmable Data Float Time
• Slow Clock mode supported
8.2.3
SDRAM Controller
• Supported devices
– Standard and Low-power SDRAM (Mobile SDRAM)
• Numerous configurations supported
– 2K, 4K, 8K Row Address Memory Parts
– SDRAM with two or four Internal Banks
– SDRAM with 16- or 32-bit Datapath
• Programming facilities
– Word, half-word, byte access
– Automatic page break when Memory Boundary has been reached



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com