Electronic Components Datasheet Search
  English  ▼

X  

AT91SAM9G20 Datasheet(PDF) 90 Page - ATMEL Corporation

Part # AT91SAM9G20
Description  AT91 ARM Thumb Microcontrollers
PDF  832 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM9G20 Datasheet(HTML) 90 Page - ATMEL Corporation

Back Button AT91SAM9G20 Datasheet HTML 86Page - ATMEL Corporation AT91SAM9G20 Datasheet HTML 87Page - ATMEL Corporation AT91SAM9G20 Datasheet HTML 88Page - ATMEL Corporation AT91SAM9G20 Datasheet HTML 89Page - ATMEL Corporation AT91SAM9G20 Datasheet HTML 90Page - ATMEL Corporation AT91SAM9G20 Datasheet HTML 91Page - ATMEL Corporation AT91SAM9G20 Datasheet HTML 92Page - ATMEL Corporation AT91SAM9G20 Datasheet HTML 93Page - ATMEL Corporation AT91SAM9G20 Datasheet HTML 94Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 832 page
background image
90
6384D–ATARM–04-May-09
AT91SAM9G20 Preliminary
device. The length of startup time is hardcoded to comply with the Slow Clock Oscillator startup
time.
After this time, the processor clock is released at Slow Clock and all the other signals remain
valid for 3 cycles for proper processor and logic reset. Then, all the reset signals are released
and the field RSTTYP in RSTC_SR reports a General Reset. As the RSTC_MR is reset, the
NRST line rises 2 cycles after the backup_nreset, as ERSTL defaults at value 0x0.
When VDDBU is detected low by the Backup Supply POR Cell, all resets signals are immedi-
ately asserted, even if the Main Supply POR Cell does not report a Main Supply shutdown.
VDDBU only activates the backup_nreset signal.
The backup_nreset must be released so that any other reset can be generated by VDDCORE
(Main Supply POR output).
Figure 14-4 shows how the General Reset affects the reset signals.
Figure 14-4. General Reset State
SLCK
periph_nreset
proc_nreset
Backup Supply
POR output
NRST
(nrst_out)
EXTERNAL RESET LENGTH
= 2 cycles
Startup Time
MCK
Processor Startup
= 3 cycles
backup_nreset
Any
Freq.
RSTTYP
XXX
0x0 = General Reset
XXX
Main Supply
POR output
BMS Sampling



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com