Electronic Components Datasheet Search
  English  ▼

X  

AT91SAM9G20 Datasheet(PDF) 35 Page - ATMEL Corporation

Part # AT91SAM9G20
Description  AT91 ARM Thumb Microcontrollers
PDF  832 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM9G20 Datasheet(HTML) 35 Page - ATMEL Corporation

Back Button AT91SAM9G20 Datasheet HTML 31Page - ATMEL Corporation AT91SAM9G20 Datasheet HTML 32Page - ATMEL Corporation AT91SAM9G20 Datasheet HTML 33Page - ATMEL Corporation AT91SAM9G20 Datasheet HTML 34Page - ATMEL Corporation AT91SAM9G20 Datasheet HTML 35Page - ATMEL Corporation AT91SAM9G20 Datasheet HTML 36Page - ATMEL Corporation AT91SAM9G20 Datasheet HTML 37Page - ATMEL Corporation AT91SAM9G20 Datasheet HTML 38Page - ATMEL Corporation AT91SAM9G20 Datasheet HTML 39Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 832 page
background image
35
6384D–ATARM–04-May-09
AT91SAM9G20 Preliminary
– By 8 or by-16 over-sampling receiver frequency
– Hardware handshaking RTS-CTS
– Optional modem signal management DTR-DSR-DCD-RI
– Receiver time-out and transmitter timeguard
– Optional Multi-drop Mode with address generation and detection
– Optional Manchester Encoding
• RS485 with driver control signal
• ISO7816, T = 0 or T = 1 Protocols for interfacing with smart cards
– NACK handling, error counter with repetition and iteration limit
• IrDA modulation and demodulation
– Communication at up to 115.2 Kbps
• Test Modes
– Remote Loopback, Local Loopback, Automatic Echo
The USART contains features allowing management of the Modem Signals DTR, DSR, DCD
and RI. In the AT91SAM9G20, only the USART0 implements these signals, named DTR0,
DSR0, DCD0 and RI0.
The USART1 and USART2 do not implement all the modem signals. Only RTS and CTS (RTS1
and CTS1, RTS2 and CTS2, respectively) are implemented in these USARTs for other features.
Thus, programming the USART1, USART2 or the USART3 in Modem Mode may lead to unpre-
dictable results. In these USARTs, the commands relating to the Modem Mode have no effect
and the status bits relating the status of the modem signals are never activated.
10.4.4
Serial Synchronous Controller
• Provides serial synchronous communication links used in audio and telecom applications
(with CODECs in Master or Slave Modes, I
2S, TDM Buses, Magnetic Card Reader, etc.)
• Contains an independent receiver and transmitter and a common clock divider
• Offers a configurable frame sync and data length
• Receiver and transmitter can be programmed to start automatically or on detection of
different event on the frame sync signal
• Receiver and transmitter include a data signal, a clock signal and a frame synchronization
signal
10.4.5
Timer Counter
• Two blocks of three 16-bit Timer Counter channels
• Each channel can be individually programmed to perform a wide range of functions including:
– Frequency Measurement
– Event Counting
– Interval Measurement
– Pulse Generation
–Delay Timing
– Pulse Width Modulation
– Up/down Capabilities
• Each channel is user-configurable and contains:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com