Electronic Components Datasheet Search
  English  ▼

X  

AT91SAM9G20 Datasheet(PDF) 36 Page - ATMEL Corporation

Part # AT91SAM9G20
Description  AT91 ARM Thumb Microcontrollers
PDF  832 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM9G20 Datasheet(HTML) 36 Page - ATMEL Corporation

Back Button AT91SAM9G20 Datasheet HTML 32Page - ATMEL Corporation AT91SAM9G20 Datasheet HTML 33Page - ATMEL Corporation AT91SAM9G20 Datasheet HTML 34Page - ATMEL Corporation AT91SAM9G20 Datasheet HTML 35Page - ATMEL Corporation AT91SAM9G20 Datasheet HTML 36Page - ATMEL Corporation AT91SAM9G20 Datasheet HTML 37Page - ATMEL Corporation AT91SAM9G20 Datasheet HTML 38Page - ATMEL Corporation AT91SAM9G20 Datasheet HTML 39Page - ATMEL Corporation AT91SAM9G20 Datasheet HTML 40Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 832 page
background image
36
6384D–ATARM–04-May-09
AT91SAM9G20 Preliminary
– Three external clock inputs
– Five internal clock inputs
– Two multi-purpose input/output signals
• Each block contains two global registers that act on all three TC Channels
Note:
TC Block 0 (TC0, TC1, TC2) and TC Block 1 (TC3, TC4, TC5) have identical user interfaces. See
Figure 8-1, “AT91SAM9G20 Memory Mapping,” on page 19 for TC Block 0 and TC Block 1 base
addresses.
10.4.6
Multimedia Card Interface
• One double-channel MultiMedia Card Interface
• Compatibility with MultiMedia Card Specification Version 3.11
• Compatibility with SD Memory Card Specification Version 1.1
• Compatibility with SDIO Specification Version V1.0.
• Card clock rate up to Master Clock divided by 2
• Embedded power management to slow down clock rate when not used
• MCI has two slots, each supporting
– One slot for one MultiMediaCard bus (up to 30 cards) or
– One SD Memory Card
• Support for stream, block and multi-block data read and write
10.4.7
USB Host Port
• Compliance with Open HCI Rev 1.0 Specification
• Compliance with USB V2.0 Full-speed and Low-speed Specification
• Supports both Low-Speed 1.5 Mbps and Full-speed 12 Mbps devices
• Root hub integrated with two downstream USB ports in the 217-LFBGA package
• Two embedded USB transceivers
• Supports power management
• Operates as a master on the Matrix
10.4.8
USB Device Port
• USB V2.0 full-speed compliant, 12 MBits per second
• Embedded USB V2.0 full-speed transceiver
• Embedded 2,432-byte dual-port RAM for endpoints
• Suspend/Resume logic
• Ping-pong mode (two memory banks) for isochronous and bulk endpoints
• Six general-purpose endpoints
– Endpoint 0 and 3: 64 bytes, no ping-pong mode
– Endpoint 1 and 2: 64 bytes, ping-pong mode
– Endpoint 4 and 5: 512 bytes, ping-pong mode
• Embedded pad pull-up
10.4.9
Ethernet 10/100 MAC
• Compatibility with IEEE Standard 802.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com