Electronic Components Datasheet Search
  English  ▼

X  

AT91SAM9G20 Datasheet(PDF) 30 Page - ATMEL Corporation

Part # AT91SAM9G20
Description  AT91 ARM Thumb Microcontrollers
PDF  832 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM9G20 Datasheet(HTML) 30 Page - ATMEL Corporation

Back Button AT91SAM9G20 Datasheet HTML 26Page - ATMEL Corporation AT91SAM9G20 Datasheet HTML 27Page - ATMEL Corporation AT91SAM9G20 Datasheet HTML 28Page - ATMEL Corporation AT91SAM9G20 Datasheet HTML 29Page - ATMEL Corporation AT91SAM9G20 Datasheet HTML 30Page - ATMEL Corporation AT91SAM9G20 Datasheet HTML 31Page - ATMEL Corporation AT91SAM9G20 Datasheet HTML 32Page - ATMEL Corporation AT91SAM9G20 Datasheet HTML 33Page - ATMEL Corporation AT91SAM9G20 Datasheet HTML 34Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 832 page
background image
30
6384D–ATARM–04-May-09
AT91SAM9G20 Preliminary
Note:
Setting AIC, SYSC, UHP, ADC and IRQ0-2 bits in the clock set/clear registers of the PMC has no effect. The ADC clock is auto-
matically started for the first conversion. In Sleep Mode the ADC clock is automatically stopped after each conversion.
10.2.1
Peripheral Interrupts and Clock Control
10.2.1.1
System Interrupt
The System Interrupt in Source 1 is the wired-OR of the interrupt signals coming from:
• the SDRAM Controller
• the Debug Unit
• the Periodic Interval Timer
• the Real-time Timer
• the Watchdog Timer
• the Reset Controller
• the Power Management Controller
The clock of these peripherals cannot be deactivated and Peripheral ID 1 can only be used
within the Advanced Interrupt Controller.
10.2.1.2
External Interrupts
All external interrupt signals, i.e., the Fast Interrupt signal FIQ or the Interrupt signals IRQ0 to
IRQ2, use a dedicated Peripheral ID. However, there is no clock control associated with these
peripheral IDs.
10.3
Peripheral Signal Multiplexing on I/O Lines
The AT91SAM9G20 features 3 PIO controllers (PIOA, PIOB, PIOC) that multiplex the I/O lines
of the peripheral set.
Each PIO Controller controls up to 32 lines. Each line can be assigned to one of two peripheral
functions, A or B. Table 10-2 on page 31, Table 10-3 on page 32 and Table 10-4 on page 33
define how the I/O lines of the peripherals A and B are multiplexed on the PIO Controllers. The
two columns “Function” and “Comments” have been inserted in this table for the user’s own
comments; they may be used to track how pins are defined in an application.
Note that some peripheral functions which are output only might be duplicated within both
tables.
The column “Reset State” indicates whether the PIO Line resets in I/O mode or in peripheral
mode. If I/O appears, the PIO Line resets in input with the pull-up enabled, so that the device is
maintained in a static state as soon as the reset is released. As a result, the bit corresponding to
the PIO Line in the register PIO_PSR (Peripheral Status Register) resets low.
If a signal name appears in the “Reset State” column, the PIO Line is assigned to this function
and the corresponding bit in PIO_PSR resets high. This is the case of pins controlling memories,
in particular the address lines, which require the pin to be driven as soon as the reset is
released. Note that the pull-up resistor is also enabled in this case.
29
AIC
Advanced Interrupt Controller
IRQ0
30
AIC
Advanced Interrupt Controller
IRQ1
31
AIC
Advanced Interrupt Controller
IRQ2
Table 10-1.
AT91SAM9G20 Peripheral Identifiers (Continued)
Peripheral ID
Peripheral Mnemonic
Peripheral Name
External Interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com