| Electronic Components Datasheet Search |
|
AT91SAM9G20 Datasheet(PDF) 43 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT91SAM9G20 Datasheet(HTML) 43 Page - ATMEL Corporation |
|
43 / 832 page ![]() 43 6384D–ATARM–04-May-09 AT91SAM9G20 Preliminary The ARM state register set contains 16 directly-accessible registers, r0 to r15, and an additional register, the Current Program Status Register (CPSR). Registers r0 to r13 are general-purpose registers used to hold either data or address values. Register r14 is used as a Link register that holds a value (return address) of r15 when BL or BLX is executed. Register r15 is used as a pro- gram counter (PC), whereas the Current Program Status Register (CPSR) contains condition code flags and the current mode bits. In privileged modes (FIQ, Supervisor, Abort, IRQ, Undefined), mode-specific banked registers (r8 to r14 in FIQ mode or r13 to r14 in the other modes) become available. The corresponding banked registers r14_fiq, r14_svc, r14_abt, r14_irq, r14_und are similarly used to hold the val- ues (return address for each mode) of r15 (PC) when interrupts and exceptions arise, or when BL or BLX instructions are executed within interrupt or exception routines. There is another reg- ister called Saved Program Status Register (SPSR) that becomes available in privileged modes instead of CPSR. This register contains condition code flags and the current mode bits saved as a result of the exception that caused entry to the current (privileged) mode. In all modes and due to a software agreement, register r13 is used as stack pointer. The use and the function of all the registers described above should obey ARM Procedure Call Standard (APCS) which defines: • constraints on the use of registers • stack conventions • argument passing and result return For more details, refer to ARM Software Development Kit. The Thumb state register set is a subset of the ARM state set. The programmer has direct access to: • Eight general-purpose registers r0-r7 • Stack pointer, SP • Link register, LR (ARM r14) •PC • CPSR R12R12 R12R12 R12 R12_FIQ R13 R13_SVC R13_ABORT R13_UNDEF R13_IRQ R13_FIQ R14 R14_SVC R14_ABORT R14_UNDEF R14_IRQ R14_FIQ PC PC PC PC PC PC CPSR CPSR CPSR CPSR CPSR CPSR SPSR_SVC SPSR_ABOR T SPSR_UNDE F SPSR_IRQ SPSR_FIQ Mode-specific banked registers Table 11-1. ARM9TDMI Modes and Registers Layout (Continued) User and System Mode Supervisor Mode Abort Mode Undefined Mode Interrupt Mode Fast Interrupt Mode |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |