Electronic Components Datasheet Search
  English  ▼

X  

AT91SAM9G20 Datasheet(PDF) 104 Page - ATMEL Corporation

Part # AT91SAM9G20
Description  AT91 ARM Thumb Microcontrollers
PDF  832 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM9G20 Datasheet(HTML) 104 Page - ATMEL Corporation

Back Button AT91SAM9G20 Datasheet HTML 100Page - ATMEL Corporation AT91SAM9G20 Datasheet HTML 101Page - ATMEL Corporation AT91SAM9G20 Datasheet HTML 102Page - ATMEL Corporation AT91SAM9G20 Datasheet HTML 103Page - ATMEL Corporation AT91SAM9G20 Datasheet HTML 104Page - ATMEL Corporation AT91SAM9G20 Datasheet HTML 105Page - ATMEL Corporation AT91SAM9G20 Datasheet HTML 106Page - ATMEL Corporation AT91SAM9G20 Datasheet HTML 107Page - ATMEL Corporation AT91SAM9G20 Datasheet HTML 108Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 832 page
background image
104
6384D–ATARM–04-May-09
AT91SAM9G20 Preliminary
15.4.1
Real-time Timer Mode Register
Register Name: RTT_MR
Access Type: Read/Write
• RTPRES: Real-time Timer Prescaler Value
Defines the number of SLCK periods required to increment the Real-time timer. RTPRES is defined as follows:
RTPRES = 0: The prescaler period is equal to 216.
RTPRES
…0: The prescaler period is equal to RTPRES.
• ALMIEN: Alarm Interrupt Enable
0 = The bit ALMS in RTT_SR has no effect on interrupt.
1 = The bit ALMS in RTT_SR asserts interrupt.
• RTTINCIEN: Real-time Timer Increment Interrupt Enable
0 = The bit RTTINC in RTT_SR has no effect on interrupt.
1 = The bit RTTINC in RTT_SR asserts interrupt.
• RTTRST: Real-time Timer Restart
1 = Reloads and restarts the clock divider with the new programmed value. This also resets the 32-bit counter.
31
30
29
28
27
26
25
24
––––––––
23
22
21
20
19
18
17
16
–––––
RTTRST
RTTINCIEN
ALMIEN
15
14
13
12
11
10
9
8
RTPRES
76543210
RTPRES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com