Electronic Components Datasheet Search
  English  ▼

X  

ST7637 Datasheet(PDF) 3 Page - Sitronix Technology Co., Ltd.

Part # ST7637
Description  65K 132x132 Color Dot Matrix LCD Controller/Driver
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7637 Datasheet(HTML) 3 Page - Sitronix Technology Co., Ltd.

  ST7637 Datasheet HTML 1Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 2Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 3Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 4Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 5Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 210 page
background image
ST7637
Ver 1.6
3/210
2009/03
4. Pad Center Coordinates
PAD
NAME
X
Y
1
COM38
-6682.71
146.94
2
COM36
-6682.71
119.94
3
COM34
-6682.71
92.94
4
COM32
-6682.71
65.94
5
COM30
-6682.71
38.94
6
COM28
-6682.71
11.94
7
COM26
-6682.71
-15.06
8
COM24
-6682.71
-42.06
9
COM22
-6682.71
-69.06
10
COM20
-6682.71
-96.06
11
COM18
-6682.71
-123.06
12
COM16
-6682.71
-150.06
13
COM14
-6682.71
-177.06
14
COM12
-6682.71
-204.06
15
COM10
-6682.71
-231.06
16
COM8
-6682.71
-258.06
17
COM6
-6682.71
-285.06
18
COM4
-6682.71
-312.06
19
COM2
-6534.45
-302.71
20
COM0
-6507.45
-302.71
21
DETGBI
-6447.3
-302.71
22
DUMMY
-6370.88
-329.5
23
DUMMY
-6290.88
-329.5
24
VSS
-6210.88
-329.5
25
VPP
-6130.88
-329.5
26
VPP
-6050.88
-329.5
27
VPP
-5970.88
-329.5
28
VPP
-5890.88
-329.5
29
DUMMY
-5764.35
-329.5
30
DUMMY
-5684.35
-329.5
31
DUMMY
-5604.35
-329.5
32
DUMMY
-5524.35
-329.5
33
DUMMY
-5444.35
-329.5
34
DUMMY
-5364.35
-329.5
35
DUMMY
-5284.35
-329.5
36
DUMMY
-5204.35
-329.5
37
DUMMY
-5124.35
-329.5
38
DUMMY
-5044.35
-329.5
39
DUMMY
-4964.35
-329.5
40
DUMMY
-4884.35
-329.5
41
DUMMY
-4804.35
-329.5
42
DUMMY
-4724.35
-329.5
43
DUMMY
-4644.35
-329.5
44
DUMMY
-4564.35
-329.5
45
DUMMY
-4484.35
-329.5
46
DUMMY
-4404.35
-329.5
47
DUMMY
-4324.35
-329.5
48
DUMMY
-4244.35
-329.5
49
DUMMY
-4164.35
-329.5
50
DUMMY
-4084.35
-329.5
51
DUMMY
-4004.35
-329.5
52
DUMMY
-3924.35
-329.5
53
DUMMY
-3844.35
-329.5
54
DUMMY
-3764.35
-329.5
55
DUMMY
-3684.35
-329.5
56
DUMMY
-3604.35
-329.5
57
DUMMY
-3524.35
-329.5
58
CL
-3444.35
-329.5
59
CLS
-3364.35
-329.5
60
VDD
-3284.35
-329.5
61
A0
-3204.35
-329.5
62
RW_WR
-3124.35
-329.5
63
D0
-3044.35
-329.5
64
D1
-2964.35
-329.5
65
D2
-2884.35
-329.5
66
D3
-2804.35
-329.5
67
D4
-2724.35
-329.5
68
D5
-2644.35
-329.5
69
D6
-2564.35
-329.5
70
D7
-2484.35
-329.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com