Electronic Components Datasheet Search
  English  ▼

X  

ST7637 Datasheet(PDF) 73 Page - Sitronix Technology Co., Ltd.

Part # ST7637
Description  65K 132x132 Color Dot Matrix LCD Controller/Driver
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7637 Datasheet(HTML) 73 Page - Sitronix Technology Co., Ltd.

Back Button ST7637 Datasheet HTML 69Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 70Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 71Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 72Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 73Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 74Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 75Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 76Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 77Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 210 page
background image
ST7637
Ver 1.6
73/210
2009/03
9.1.3.
RDDID: Read Display ID (04h)
Command
A0
/RD
/WR
D7
D6
D5
D4
D3
D2
D1
D0
Hex
RDDID
0
1
0
0
0
0
0
0
1
0
0
(04h)
Dummy Read
1
0
1
-
-
-
-
-
-
-
-
-
2nd parameter
1
0
1
ID17
ID16
ID15
ID14
ID13
ID12
ID11
ID10 -
3rd parameter
1
0
1
1
ID26
ID25
ID24
ID23
ID22
ID21
ID20 -
4th parameter
1
0
1
ID37
ID36
ID35
ID34
ID33
ID32
ID31
ID30 -
NOTE: “-“ Don’t care
Description
This read byte returns 24-bit display identification information.
The 1st parameter is dummy data
The 2nd parameter (ID17 to ID10): LCD module’s manufacturer ID.
The 3rd parameter (ID26 to ID20): LCD module/driver version ID
The 4th parameter (ID37 to ID30): LCD module/driver ID.
NOTE: Commands RDID1/2/3(DAh, DBh, DCh) read data correspond to the parameters 2,3,4
of the command 04h, respectively.
Restriction
Register
Availability
Status
Availability
Normal Mode On, Idle Mode Off, Sleep Out
Yes
Normal Mode On, Idle Mode On, Sleep Out
Yes
Partial Mode On, Idle Mode Off, Sleep Out
Yes
Partial Mode On, Idle Mode On, Sleep Out
Yes
Sleep In
Yes
Default
Default Value
Status
ID1
ID2
ID3
Power On Sequence
0x00
0x80
0x00
S/W Reset
0x00
0x80
0x00
H/W Reset
0x00
0x80
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com