Electronic Components Datasheet Search
  English  ▼

X  

ST7637 Datasheet(PDF) 79 Page - Sitronix Technology Co., Ltd.

Part # ST7637
Description  65K 132x132 Color Dot Matrix LCD Controller/Driver
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7637 Datasheet(HTML) 79 Page - Sitronix Technology Co., Ltd.

Back Button ST7637 Datasheet HTML 75Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 76Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 77Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 78Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 79Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 80Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 81Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 82Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 83Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 210 page
background image
ST7637
Ver 1.6
79/210
2009/03
9.1.7.
RDDCOLMOD: Read Display Pixel Format (0Ch)
Command
A0
/RD
/WR
D7
D6
D5
D4
D3
D2
D1
D0
Hex
RDDCOLMOD
0
1
0
0
0
0
0
1
1
0
0
(0Ch)
Dummy Read
1
0
1
-
-
-
-
-
-
-
-
-
2nd parameter
1
0
1
0
0
0
0
0
D2
D1
D0
-
NOTE: “-“ Don’t care
Description
This command indicates the current status of the display as described in the table below:
Bit
Description
Value
D7
“0” (Not Used)
D6
“0” (Not Used)
D5
“0” (Not Used)
D4
RGB Interface Color Format
“0” (Not Used)
D3
“0”
D2
D1
D0
Control Interface Color Format
“010”=8 bit/pixel
“011”=12 bit/pixel (type A)
“100”=12 bit/pixel (type B)
“101”=16 bit/pixel
"110" = 18-bit/pixel
"111" = 24-bit/pixel
The others = not defined
Restriction
Register
Availability
Status
Availability
Normal Mode On, Idle Mode Off, Sleep Out
Yes
Normal Mode On, Idle Mode On, Sleep Out
Yes
Partial Mode On, Idle Mode Off, Sleep Out
Yes
Partial Mode On, Idle Mode On, Sleep Out
Yes
Sleep In
Yes
Default
Status
Default Value (D[7:0])
Power On Sequence
16 bit/pixel
S/W Reset
No change
H/W Reset
16 bit/pixel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com