Electronic Components Datasheet Search
  English  ▼

X  

ST7637 Datasheet(PDF) 85 Page - Sitronix Technology Co., Ltd.

Part # ST7637
Description  65K 132x132 Color Dot Matrix LCD Controller/Driver
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7637 Datasheet(HTML) 85 Page - Sitronix Technology Co., Ltd.

Back Button ST7637 Datasheet HTML 81Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 82Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 83Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 84Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 85Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 86Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 87Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 88Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 89Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 210 page
background image
ST7637
Ver 1.6
85/210
2009/03
9.1.11. SLPIN: Sleep In (10h)
Command
A0
/RD
/WR
D7
D6
D5
D4
D3
D2
D1
D0
Hex
SLPIN
0
1
0
0
0
0
1
0
0
0
0
(10h)
Parameter
No Parameter
Description
This command causes the LCD module to enter the minimum power consumption mode.
In this mode the DC/DC converter is stopped, Internal display oscillator is stopped, and panel
scanning is stopped.
MCU interface and memory are still working and the memory keeps its contents
Restriction
This command has no effect when module is already in sleep in mode. Sleep In Mode can only
be exit by the Sleep Out Command (11h).
It will be necessary to wait 5msec before sending next command. This is to allow time for the
supply voltages and clock circuits to stabilize.
It will be necessary to wait 120msec after sending Sleep Out command (when in Sleep In Mode)
before Sleep In command can be sent.
Register
Availability
Status
Availability
Normal Mode On, Idle Mode Off, Sleep Out
Yes
Normal Mode On, Idle Mode On, Sleep Out
Yes
Partial Mode On, Idle Mode Off, Sleep Out
Yes
Partial Mode On, Idle Mode On, Sleep Out
Yes
Sleep In
Yes
Default
Status
Default Value
Power On Sequence
Sleep in mode
S/W Reset
Sleep in mode
H/W Reset
Sleep in mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com