Electronic Components Datasheet Search
  English  ▼

X  

ST7637 Datasheet(PDF) 12 Page - Sitronix Technology Co., Ltd.

Part # ST7637
Description  65K 132x132 Color Dot Matrix LCD Controller/Driver
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7637 Datasheet(HTML) 12 Page - Sitronix Technology Co., Ltd.

Back Button ST7637 Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 10Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 11Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 12Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 13Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 14Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 15Page - Sitronix Technology Co., Ltd. ST7637 Datasheet HTML 16Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 210 page
background image
ST7637
Ver 1.6
12/210
2009/03
663
COM92
-6004.5
302.71
664
COM90
-6031.5
302.71
665
COM88
-6058.5
302.71
666
COM86
-6085.5
302.71
667
COM84
-6112.5
302.71
668
COM82
-6139.5
302.71
669
COM80
-6166.5
302.71
670
COM78
-6193.5
302.71
671
COM76
-6220.5
302.71
672
COM74
-6247.5
302.71
673
COM72
-6274.5
302.71
674
COM70
-6301.5
302.71
675
COM68
-6328.5
302.71
676
COM66
-6355.5
302.71
677
COM64
-6382.5
302.71
678
COM62
-6409.5
302.71
679
COM60
-6436.5
302.71
680
COM58
-6463.5
302.71
681
COM56
-6490.5
302.71
682
COM54
-6517.5
302.71
683
COM52
-6544.5
302.71
684
COM50
-6571.5
302.71
685
COM48
-6598.5
302.71
686
COM46
-6625.5
302.71
687
COM44
-6652.5
302.71
688
COM42
-6679.5
302.71
689
COM40
-6706.5
302.71
690
L-Mark-L(Left)
-5440.21
350.72
691
L-Mark-R(Right)
5440.21
350.72
692
L-Mark-B(Bottom)
6542.56
-160.81



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com